Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99DZ320 Datasheet(PDF) 26 Page - STMicroelectronics

Part # L99DZ320
Description  Automotive rear door device with CAN FD and LIN
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99DZ320 Datasheet(HTML) 26 Page - STMicroelectronics

Back Button L99DZ320 Datasheet HTML 22Page - STMicroelectronics L99DZ320 Datasheet HTML 23Page - STMicroelectronics L99DZ320 Datasheet HTML 24Page - STMicroelectronics L99DZ320 Datasheet HTML 25Page - STMicroelectronics L99DZ320 Datasheet HTML 26Page - STMicroelectronics L99DZ320 Datasheet HTML 27Page - STMicroelectronics L99DZ320 Datasheet HTML 28Page - STMicroelectronics L99DZ320 Datasheet HTML 29Page - STMicroelectronics L99DZ320 Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 146 page
background image
Symbol
Parameter
Test condition
Min.
Typ.
Max. Unit Item
(VS-VSH) between switch mode
and current mode (falling)
t0GHxr
Rise time (switch mode)
VS = 13.5 V, VSHx = 0 V,
RG = 0 Ω, CG = 2.7 nF
45
ns
A.089
t0GHxf
Fall time (switch mode)
VS = 13.5 V, VSHx = 0 V,
RG = 0 Ω, CG = 2.7 nF
85
ns
A.090
t0GLxr
Rise time
VS = 13.5 V, VSLx = 0 V,
RG = 0 Ω, CG = 2.7 nF
45
ns
A.091
t0GLxf
Fall time
VS = 13.5 V, VSLx = 0 V,
RG = 0 Ω, CG = 2.7 nF
85
ns
A.092
tccp0010
Programmable cross current
protection time
Tested by scan
750
ns
A.095
tccp0011
Programmable cross current
protection time
Tested by scan
1000
ns
A.096
tccp0100
Programmable cross current
protection time
Tested by scan
1250
ns
A.097
tccp0101
Programmable cross current
protection time
Tested by scan
1500
ns
A.098
tccp0110
Programmable cross current
protection time
Tested by scan
1750
ns
A.099
tccp0111
Programmable cross current
protection time
Tested by scan
2000
ns
A.100
tccp1000
Programmable cross current
protection time
Tested by scan
2250
ns
A.101
tccp1001
Programmable cross current
protection time
Tested by scan
2500
ns
A.102
tccp1010
Programmable cross current
protection time
Tested by scan
2750
ns
A.103
tccp1011
Programmable cross current
protection time
Tested by scan
3000
ns
A.104
tccp1100
Programmable cross current
protection time
Tested by scan
3250
ns
A.105
tccp1101
Programmable cross current
protection time
Tested by scan
3500
ns
A.106
tccp1110
Programmable cross current
protection time
Tested by scan
3750
ns
A.107
tccp1111
Programmable cross current
protection time
Tested by scan
4000
ns
A.108
fPWMH
PWMH switching frequency (1)
VS = 13.5 V, VSLx = 0,
RG = 0 Ω, CG = 2.7 nF,
PWMH-duty-cycle = 50%
50
kHz A.109
1. Without cross-current protection time tCCP.
2. Specified by design, not tested in production.
L99DZ320
Electrical specifications
DS14235 - Rev 5
page 26/146



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com