Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99DZ320 Datasheet(PDF) 11 Page - STMicroelectronics

Part # L99DZ320
Description  Automotive rear door device with CAN FD and LIN
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99DZ320 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button L99DZ320 Datasheet HTML 7Page - STMicroelectronics L99DZ320 Datasheet HTML 8Page - STMicroelectronics L99DZ320 Datasheet HTML 9Page - STMicroelectronics L99DZ320 Datasheet HTML 10Page - STMicroelectronics L99DZ320 Datasheet HTML 11Page - STMicroelectronics L99DZ320 Datasheet HTML 12Page - STMicroelectronics L99DZ320 Datasheet HTML 13Page - STMicroelectronics L99DZ320 Datasheet HTML 14Page - STMicroelectronics L99DZ320 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 146 page
background image
Figure 3. LQFP64 printed circuit board
Note:
Layout condition for thermal characterization: board finishing thickness 1.5 mm ±10%, board four layers, board
dimension 77 mm x 114 mm, board material FR4, Cu thickness 0.070 mm for outer layers, 0.0035 mm for inner
layers, thermal vias separation 1.2 mm.
2.4
Electrical characteristics
For an efficient and easy tracking, numbering has been added to each electrical parameter.
Device features are split into categories (see Table 3. ESD protection, Table 4. Operation junction temperature
and Table 5. Temperature warning and thermal shutdown) and each of them is represented by a letter (such as A,
B, C); all parameters are completely identified by a letter and a three-digit number (for example B.125, C.096) for
their whole lifetime.
New inserted parameters continue with the numbering of the related category, no matter of where they are
placed.
To facilitate insertion, the last number inserted for each category is also reported in the second column of the
table.
Table 6. Electrical parameters numbering
Category
Parameters numbering
Last Inserted
Analog I/O
A.xxx
Digital I/O
B.xxx
B.034
Voltage regulators
C.xxx
C.057
Outputs
D.xxx
D.137
Transceivers
E.xxx
E.124
Others
F.xxx
F.030
Due to these rules and taking into account that deleted parameter numbers are no more reassigned, numbering
inside each category may not be sequential.
L99DZ320
Electrical specifications
DS14235 - Rev 5
page 11/146



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com