Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99DZ320 Datasheet(PDF) 60 Page - STMicroelectronics

Part # L99DZ320
Description  Automotive rear door device with CAN FD and LIN
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99DZ320 Datasheet(HTML) 60 Page - STMicroelectronics

Back Button L99DZ320 Datasheet HTML 56Page - STMicroelectronics L99DZ320 Datasheet HTML 57Page - STMicroelectronics L99DZ320 Datasheet HTML 58Page - STMicroelectronics L99DZ320 Datasheet HTML 59Page - STMicroelectronics L99DZ320 Datasheet HTML 60Page - STMicroelectronics L99DZ320 Datasheet HTML 61Page - STMicroelectronics L99DZ320 Datasheet HTML 62Page - STMicroelectronics L99DZ320 Datasheet HTML 63Page - STMicroelectronics L99DZ320 Datasheet HTML 64Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 146 page
background image
The CAN receiver is not disabled in case of any failure condition.
Dominant TXDC time out
If TXDC is in dominant state (low) for t > tdom(TXDC) the transmitter is disabled, status bit is latched and can be
read and optionally cleared by SPI. The transmitter remains disabled until the status register is cleared.
CAN Bus permanent recessive
If TXDC changes to dominant (low) state but CAN bus does not follow for 4 times, the transmitter is disabled,
status bit is latched and can be read and optionally cleared by SPI. The transmitter remains disabled until the
status register is cleared.
CAN permanent dominant
If the bus state is dominant (low) for t > tCAN a permanent dominant status is detected. The status is latched and
can be read and optionally cleared by SPI. The transmitter is not disabled.
RXDC permanent recessive
If RXDC pin is clamped to recessive (high) state, the controller is not able to recognize a bus dominant state and
could start messages at any time, which results in disturbing the overall bus communication. Therefore, if RXDC
does not follow TXDC for 4 times the transmitter is disabled. The status bit is latched and can be read and
optionally cleared by SPI. The transmitter remains disabled until the status register is cleared.
3.10.4
Wake up by CAN
The default setting for the wake-up behavior after Power-on Reset is the wake-up by regular communication on
the CAN bus. When the CAN transceiver is in a standby mode (CAN TRX STBY) the device can be woken up by
sending 2 consecutive dominant bits separated by a recessive bit.
Normal pattern wake-up can occur when the CAN pattern wake-up option is enabled, and the CAN transceiver
was set in standby mode (CAN TRX STBY) while CAN bus was in recessive (high) state or dominant (low) state.
In order to wake-up the device, the following criteria must be fulfilled:
•
The CAN interface wake-up receiver must receive a series of two consecutive valid dominant pulses, each
of which must be longer than tfilter.
•
The distance between 2 pulses must be longer than tfilter.
•
The two pulses must occur within a time frame of twake.
•
Wake-up occurs when duration of the second pulse becomes longer than tfilter.
Note:
A wake-up caused by a message on the bus starts the voltage regulator and the microcontroller to switch the
application back to normal operation mode.
L99DZ320
Functional description
DS14235 - Rev 5
page 60/146



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com