Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99DZ320 Datasheet(PDF) 14 Page - STMicroelectronics

Part # L99DZ320
Description  Automotive rear door device with CAN FD and LIN
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99DZ320 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button L99DZ320 Datasheet HTML 10Page - STMicroelectronics L99DZ320 Datasheet HTML 11Page - STMicroelectronics L99DZ320 Datasheet HTML 12Page - STMicroelectronics L99DZ320 Datasheet HTML 13Page - STMicroelectronics L99DZ320 Datasheet HTML 14Page - STMicroelectronics L99DZ320 Datasheet HTML 15Page - STMicroelectronics L99DZ320 Datasheet HTML 16Page - STMicroelectronics L99DZ320 Datasheet HTML 17Page - STMicroelectronics L99DZ320 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 146 page
background image
2.4.4
Voltage regulator V1
The voltages are referred to ground, and currents are assumed positive, when the current flows into the pin.
4.5 < VS < 28 V, 4.5 V < VSREG < 28 V, TJ = -40 °C to 150 °C, unless otherwise specified.
Table 10. Voltage regulator 1
Symbol
Parameter
Test condition
Min. Typ. Max. Unit Item
V1
Output voltage
VSREG ≥ 5.6 V
5.0
V
C.001
V110mA
Output voltage tolerance (0 ... Icmp)
ILOAD = 100 μA to Icmp,
VSREG = 13.5 V
-3
3
%
C.003
V1high_acc
Output voltage tolerance high accuracy
mode
ILOAD = Icmp to 100 mA,
active mode, VSREG = 13.5 V
-2
2
%
C.004
V1250mA Output voltage tolerance (100 … 250 mA)
ILOAD = 250 mA, VSREG = 13.5 V
-3
3
%
C.005
VDP1
Drop-out voltage
ILOAD = 50 mA
0.2
0.4
V
C.006
ILOAD = 100 mA
0.3
0.5
C.007
ILOAD = 150 mA
0.45 0.65
C.008
ICC1
Output current in active mode (to GND)
Maximum continuous load current
250
mA C.009
ICCmax1
Short-circuit output current (to GND)
Current limitation
340 600
900
mA C.010
Cload1(1)
Load capacitor 1
Ceramic (±20%)
1(2)
2.2
10
µF
C.011
tTSD
V1 deactivation time after thermal shutdown
Tested by scan
1.5
s
C.012
ICMP_ris(3) Current comp. rising threshold (to GND)
Rising current
6
12
21
mA C.013
ICMP_fal(3) Current comp. falling threshold (to GND)
Falling current
5
10
18
mA C.014
ICMP_hys(3) Current comp. hysteresis
2
mA C.015
V1fail
V1 fail threshold
V1 forced
2
V
C.019
tV1fail
V1 fail filter time
Tested by scan
6
13
20
µs
C.020
tV1short
V1 short filter time
Tested by scan
2
4
5
ms C.021
tV1FS
V1 fail-safe filter time
Tested by scan
1.43
2
2.06
ms C.022
tV1off
V1 deactivation time after 8 consecutive WD
failures
Tested by scan
200
270
ms C.023
1. Specified by design, not tested in production.
2. Nominal capacitor value required for stability of the regulator. Tested with 1 μF ceramic (±20%). Capacitor must be located
close to the regulator output pin. A 2.2 μF capacitor value is recommended to minimize the DPI stress in the application.
3. In active mode, V1 regulator is switched to high accuracy mode. Below the ICMP threshold, regulator switches in any case to
nominal accuracy mode (same behavior applies also in case of high current).
L99DZ320
Electrical specifications
DS14235 - Rev 5
page 14/146



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com