Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99DZ320 Datasheet(PDF) 45 Page - STMicroelectronics

Part # L99DZ320
Description  Automotive rear door device with CAN FD and LIN
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99DZ320 Datasheet(HTML) 45 Page - STMicroelectronics

Back Button L99DZ320 Datasheet HTML 41Page - STMicroelectronics L99DZ320 Datasheet HTML 42Page - STMicroelectronics L99DZ320 Datasheet HTML 43Page - STMicroelectronics L99DZ320 Datasheet HTML 44Page - STMicroelectronics L99DZ320 Datasheet HTML 45Page - STMicroelectronics L99DZ320 Datasheet HTML 46Page - STMicroelectronics L99DZ320 Datasheet HTML 47Page - STMicroelectronics L99DZ320 Datasheet HTML 48Page - STMicroelectronics L99DZ320 Datasheet HTML 49Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 146 page
background image
2.4.24
Timer1 and Timer2
6 V ≤ VSREG ≤ 18 V, TJ = -40°C to 150°C.
Table 48. Timer 1 and timer 2 values
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
Item
ton1
Timer on time
Tested by scan
-
0.1
-
ms
F.012
ton2
Timer on time
Tested by scan
-
0.3
-
ms
F.013
ton3
Timer on time
Tested by scan
-
1
-
ms
F.014
ton4
Timer on time
Tested by scan
-
10
-
ms
F.015
ton5
Timer on time
Tested by scan
-
20
-
ms
F.016
T1
Timer period
Tested by scan
-
10
-
ms
F.017
T2
Timer period
Tested by scan
-
20
-
ms
F.018
T3
Timer period
Tested by scan
-
50
-
ms
F.019
T4
Timer period
Tested by scan
-
100
-
ms
F.020
T5
Timer period
Tested by scan
-
200
-
ms
F.021
T6
Timer period
Tested by scan
-
500
-
ms
F.022
T7
Timer period
Tested by scan
-
1000
-
ms
F.023
T8
Timer period
Tested by scan
-
2000
-
ms
F.024
2.4.25
SGND loss comparator
TJ = -40 °C to 150 °C, unless otherwise specified.
Table 49. SGND loss comparator
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
Item
VSGNDloss
Input voltage low level
VSREG = 13.5 V
200
400
550
mV
A.181
tSGNDloss
Filter time
Tested by scan
7
µs
A.182
L99DZ320
Electrical specifications
DS14235 - Rev 5
page 45/146



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com