Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99DZ320 Datasheet(PDF) 9 Page - STMicroelectronics

Part # L99DZ320
Description  Automotive rear door device with CAN FD and LIN
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99DZ320 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button L99DZ320 Datasheet HTML 5Page - STMicroelectronics L99DZ320 Datasheet HTML 6Page - STMicroelectronics L99DZ320 Datasheet HTML 7Page - STMicroelectronics L99DZ320 Datasheet HTML 8Page - STMicroelectronics L99DZ320 Datasheet HTML 9Page - STMicroelectronics L99DZ320 Datasheet HTML 10Page - STMicroelectronics L99DZ320 Datasheet HTML 11Page - STMicroelectronics L99DZ320 Datasheet HTML 12Page - STMicroelectronics L99DZ320 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 146 page
background image
2.2
ESD protection
Table 3. ESD protection
Parameter
Value
Unit
All pins(1)
±2
kV
All power output pins(2): HB4–HB6, HS7 - HS15, HS0
±4
kV
LIN
±8(2)
kV
±8(3)
±6(4)
CAN_H, CAN_L
±8(2)
kV
±6(4)
All pins(5)
±500
V
Corner pins(5)
±750
V
1. HBM (human body model, 100 pF, 1.5 kΩ ) according to AEC-Q100-002.
2. HBM with all none zapped pins grounded. HBx (x = 4, …, 6) and HSy (y = 7, 8, 9, 11, ..., 15, 0).
3. Indirect ESD Test according to IEC 61000-4-2 (150 pF, 330 Ω) and ‘Hardware requirements for LIN, CAN and flexray
interfaces in automotive applications’ (version 1.3, May 2012).
4. Direct ESD test according to IEC 61000-4-2 (150 pF, 330 Ω) and ‘Hardware Requirements for LIN, CAN and Flexray
interfaces in automotive applications’ (version 1.3, May 2012).
5. Charged device model according to AEC-Q100-011.
2.3
Thermal data
Table 4. Operation junction temperature
Symbol
Parameter
Typ. value
Unit
TJ
Operating junction temperature
-40 to 175
°C
All parameters are guaranteed in the temperature range -40 to 150°C (unless otherwise specified); the device is
still operative and functional at higher temperatures (up to 175°C).
Note:
1. Parameters limits at higher temperatures than 150°C may change with respect to what is specified as per the
standard temperature range.
2. Device functionality at high temperature is guaranteed by characterization.
Table 5. Temperature warning and thermal shutdown
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
Item
TW
Thermal overtemperature warning threshold
TJ(1)
140
150
160
°C
F.025
TSD1
Thermal shutdown junction temperature 1
TJ(1)
165
175
185
°C
F.026
TSD2
Thermal shutdown junction temperature 2
TJ(1)
175
185
195
°C
F.028
TSD12hys
Hysteresis
5
°C
F.029
tfTjTW
Thermal warning/shutdown filter time
Tested by scan
32
µs
F.030
1. Non overlapping.
L99DZ320
Electrical specifications
DS14235 - Rev 5
page 9/146



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com