Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99DZ320 Datasheet(PDF) 82 Page - STMicroelectronics

Part # L99DZ320
Description  Automotive rear door device with CAN FD and LIN
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99DZ320 Datasheet(HTML) 82 Page - STMicroelectronics

Back Button L99DZ320 Datasheet HTML 78Page - STMicroelectronics L99DZ320 Datasheet HTML 79Page - STMicroelectronics L99DZ320 Datasheet HTML 80Page - STMicroelectronics L99DZ320 Datasheet HTML 81Page - STMicroelectronics L99DZ320 Datasheet HTML 82Page - STMicroelectronics L99DZ320 Datasheet HTML 83Page - STMicroelectronics L99DZ320 Datasheet HTML 84Page - STMicroelectronics L99DZ320 Datasheet HTML 85Page - STMicroelectronics L99DZ320 Datasheet HTML 86Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 146 page
background image
Note:
Status registers that change status during communication could be cleared by the actual read and clear
operation and are not reported in actual communication or in the following communications. To avoid a loss of
any reported status, it is recommended just to clear the status registers that are already reported in the previous
communication (selective bitwise clear).
Advanced operation codes
To provide besides the separate write of all the control registers and the bitwise clear of all the status registers,
two advanced operation codes can be used to set all the control registers to the default value and to clear all the
status registers
A 'set all control registers to default' command is performed when an OpCode ‘11’ at address b’111111 is
performed.
Note:
Consider that potential device specific write-protected registers cannot be cleared with this command as
therefore a device power-on reset is needed.
A ‘clear all status registers’ command is performed when an OpCode ‘10’ at address b’111111 is performed.
Data in payload
The payload (data byte 1 to data byte 3) is the data transferred to the device with every SPI communication. The
payload always follows the OpCode and the address bits.
For write access the payload represents the new data written to the addressed register. For read and clear
operations the payload defines which bit of the addressed status register is cleared. In the case of a ‘1’ at the
corresponding bit position the bit is cleared.
For a read operation the payload is not used. For functional safety reasons it is recommended to set the unused
payload to ‘0’.
SDO frame
The data out frame consists of 32 bits (GSB + data bytes 1 to 3).
The first eight transmitted bits contain the device-related status information and are latched into the shift register
at the time of the communication starts. These 8 bits are transmitted at every SPI transaction.
The subsequent bytes contain the payload data and are latched into the shift register with the eight positive SCK
edges.
This could lead to an inconsistency of data between the GSB and the payload due to different shift register load
times. Anyway, no unwanted status register clear should appear, as status information should just be cleared with
a dedicated bit clear.
Figure 43. SDO frame
FE
DE
FS
15
14
13
12
11
10
9
7
6
5
4
3
2
1
0
Global Status Byte (GSB)
DATA Byte 2
DATA Byte 1
8
RSTB
GSBN
GW
SPIE
PLE
MSB
LSB
time
time
time
23
22
21
20
19
18
17
DATA Byte 3
16
time
Global status byte (GSB)
The bits (Bit 0 to Bit 4) represent a logical OR combination of bits located in the status registers. Therefore, no
direct read & clear can be performed on these bits inside the GSB.
L99DZ320
Serial peripheral interface (SPI)
DS14235 - Rev 5
page 82/146



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com