Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99DZ320 Datasheet(PDF) 77 Page - STMicroelectronics

Part # L99DZ320
Description  Automotive rear door device with CAN FD and LIN
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99DZ320 Datasheet(HTML) 77 Page - STMicroelectronics

Back Button L99DZ320 Datasheet HTML 73Page - STMicroelectronics L99DZ320 Datasheet HTML 74Page - STMicroelectronics L99DZ320 Datasheet HTML 75Page - STMicroelectronics L99DZ320 Datasheet HTML 76Page - STMicroelectronics L99DZ320 Datasheet HTML 77Page - STMicroelectronics L99DZ320 Datasheet HTML 78Page - STMicroelectronics L99DZ320 Datasheet HTML 79Page - STMicroelectronics L99DZ320 Datasheet HTML 80Page - STMicroelectronics L99DZ320 Datasheet HTML 81Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 146 page
background image
3.30
Temperature warning and shutdown
If any of the cluster (see Section 3.31: Digital thermal clusters) junction temperatures rise above the temperature
warning threshold (TjTW), a temperature warning flag is set after the temperature warning filter time (tfTjTW) and
can be read via SPI. If the junction temperature increases above the temperature shutdown threshold (TjTS), the
thermal shutdown bit is set and the power transistors of all output stages are switched off to protect the device
after the thermal shutdown filter time. The gates of the H-bridge are discharged by the ‘resistive low’ mode. The
temperature warning and thermal shutdown flags are latched and must be cleared by the microcontroller. This is
done by a read and clear command on an arbitrary register, because both bits are part of the global status
register (TSD1 is bit 4 in SR 8 while TW is in bit 8 in SR 7).
After these bits have been cleared, the output stages are reactivated. If the temperature is still above the thermal
warning threshold, the thermal warning bit is set after tfTjTW. Once this bit is set, and the temperature is still above
the shutdown threshold, temperature shutdown is detected after tfTjTW and the outputs are switched off.
Therefore, the minimum time after which the outputs are switched off in this case, is twice the thermo warning/
thermo shutdown filter time tfTjTW.
3.31
Digital thermal clusters
In order to provide an advanced on chip temperature control, the power outputs are grouped in eight clusters with
dedicated thermal sensors. The sensors are suitably located on the device (see Figure 39. Digital thermal clusters
identification). In case the temperature of an output cluster reaches the thermal shutdown threshold, the outputs
assigned to this cluster are shutdown (all other outputs remain active). Each output cluster has a dedicated
temperature warning and shutdown flag (SR1 and SR2). Hence, the thermal cluster concept allows to identify a
group of outputs in which one or more channels are in the overload condition.
Thermal clusters can be configured using the bit TSD_CLUSTER_EN (CR3):
•
Standard mode (default): as soon as any cluster reaches thermal threshold the device is switched off. V1
regulator remains on and it is switched off reaching TSD2. All the thermal sensors are put in “OR”. In fact, if
one of these sensors reaches TSD1:
–
All outputs drivers, charge-pump and V2 are turned OFF
–
V1 remains on until TSD2
–
LIN and CAN transmitters are turned OFF (but they are forced in "receive only" mode)
•
Cluster mode: only the cluster that reaches shutdown temperature is switched off.
In case cluster Th_CL7 reaches TSD1:
–
HS0, HS15, V2 are turned OFF
–
V1 remains ON until TSD2
In case cluster Th_CL8 reaches TSD1:
–
all outputs drivers, charge pump and V2 are turned OFF
–
V1 remains on until TSD2
–
LIN and CAN transmitters are turned OFF (they are forced in "receive only" mode)
L99DZ320
Functional description
DS14235 - Rev 5
page 77/146



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com