Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99DZ320 Datasheet(PDF) 3 Page - STMicroelectronics

Part # L99DZ320
Description  Automotive rear door device with CAN FD and LIN
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99DZ320 Datasheet(HTML) 3 Page - STMicroelectronics

  L99DZ320 Datasheet HTML 1Page - STMicroelectronics L99DZ320 Datasheet HTML 2Page - STMicroelectronics L99DZ320 Datasheet HTML 3Page - STMicroelectronics L99DZ320 Datasheet HTML 4Page - STMicroelectronics L99DZ320 Datasheet HTML 5Page - STMicroelectronics L99DZ320 Datasheet HTML 6Page - STMicroelectronics L99DZ320 Datasheet HTML 7Page - STMicroelectronics L99DZ320 Datasheet HTML 8Page - STMicroelectronics L99DZ320 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 146 page
background image
1
Block diagram and pin description
Figure 1. Block diagram
5V_1
2x
VREG1
VREG2
5V_2
NRESET
RXDC
TXDC
CAN_ H
CAN_ L
VSREG
Debug
CP
VS
Pump
Charge
HB6 (300 mΩ, 3 A)
HB4 (150 mΩ, 6 A)
HB5 (100 mΩ, 7.5 A)
Driver Interface,
RXDL/NINT
TXDL
LIN
SPI Interface
TO
Watchdog
EI1
DIR1 / EI2
Direct Drive 1
CM
SGND
PGND
Buffered VS
Logic & Diagnostic
½
Bridge
½
Bridge
½
Bridge
HS
n-chan
HS
n-chan
HS
n-chan
HS
p-chan
HS
p-chan
HS
p-chan
HS
p-chan
HS
p-chan
HS
p-chan
CP2P
PWM 6 / DIR2
PWM 4-5
Thermal
Clusters
CAN_SUP
Digital
Direct Drive 2
External Interrupts
PWM6
L99DZ320
Block diagram and pin description
DS14235 - Rev 5
page 3/146



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com