Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99DZ320 Datasheet(PDF) 34 Page - STMicroelectronics

Part # L99DZ320
Description  Automotive rear door device with CAN FD and LIN
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99DZ320 Datasheet(HTML) 34 Page - STMicroelectronics

Back Button L99DZ320 Datasheet HTML 30Page - STMicroelectronics L99DZ320 Datasheet HTML 31Page - STMicroelectronics L99DZ320 Datasheet HTML 32Page - STMicroelectronics L99DZ320 Datasheet HTML 33Page - STMicroelectronics L99DZ320 Datasheet HTML 34Page - STMicroelectronics L99DZ320 Datasheet HTML 35Page - STMicroelectronics L99DZ320 Datasheet HTML 36Page - STMicroelectronics L99DZ320 Datasheet HTML 37Page - STMicroelectronics L99DZ320 Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 146 page
background image
Symbol
Parameter
Test condition
Min. Typ. Max. Unit Item
Cin(2)
Internal capacitance
20
40
pF
E.043
Cin,diff(2)
Differential internal
capacitance
10
20
pF
E.044
1. Voltage range is taken from ISO CD 16845-2 (high speed medium access unit - conformance test plan).
2. Parameter specified by design, not tested in production.
Note:
CAN normal and low-power mode, biasing active: tested in CAN TRX normal and CAN TRX STDBY (bias on)
state while the device is in active and V1_Standby mode.
Table 32. CAN transceiver delay
Symbol
Parameter
Test condition
Min. Typ. Max. Unit Item
tLOOP,hl
Loop delay TXDC to
RXDC (high to low)
5.5 V < VS < 18 V, RL = 60 Ω ±1%,
CL = 100 pF, CRXDC = 15 pF,
30%VTXDC - 30%VRXDC,
TXDC fall time = 10 ns (90% - 10%)
255
ns
E.045
tLOOP,lh
Loop delay TXDC to
RXDC (low to high)
5.5 V < VS < 18 V, RL = 60 Ω ±1%,
CL = 100 pF, CRXDC = 15 pF,
70%VTXD - 70%VRXD,
TXDC rise time = 10 ns (10% - 90%)
255
ns
E.046
tLOOP150,hl
Loop delay TXDC to
RXDC (high to low)
with 150 Ω bus load
5.5 V < VS < 18 V, RL = 150 Ω,
CL = 100 pF, CRXDC = 15 pF,
30%VTXDC - 30%VRXDC,
TXDC fall time = 10 ns (90% - 10%)
350
ns
E.107
tLOOP150,lh
Loop delay TXDC to
RXDC (low to high)
with 150 Ω bus load
5.5 V < VS < 18 V, RL = 150 Ω,
CL = 100 pF, CRXDC = 15 pF,
70%VTXD - 70%VRXD,
TXDC rise time = 10 ns (10% - 90%)
350
ns
E.108
TBit(RXD) ≤
1 Mb/s(1)
Recessive bit
symmetry at RXDC
5.5 V < VS < 18 V, RL = 60 Ω ±1%,
CL = 100 pF, CRXD = 15 pF,
70%VRXDC (rising) - 30%V(falling),
TXDC rise and fall time = 10 ns
(10% - 90%, 90% - 10%),
Test signal to be applied on the TXDC input of the
implementation is a square wave signal with a
positive duty cycle of 1/6 and a period of six times
the nominal recessive bit width.
Rectangular pulse signal TTXDC = 6000 ns, high
pulse 1000 ns, low pulse 5000 ns
900 1000 1050
ns
E.047
TBit(RXD)_150 Ω ≤
1 Mb/s
RL = 150 Ω, other conditions as TBit(RXD) ≤ 1 Mb/s,
value may be obtained by characterization only.
800
1050
E.109
TBit(RXD) ≤
2 Mb/s
Conditions as TBit(RXD) ≤ 1 Mb/s,
Rectangular pulse signal TTXDC = 3000 ns, high
pulse 500 ns, low pulse 2500 ns
400
500
550
E.110
TBit(RXD)_150 Ω ≤
2 Mb/s
RL = 150 Ω, other conditions as TBit(RXD) ≤ 1 Mb/s,
value may be obtained by characterization only
300
550
E.111
L99DZ320
Electrical specifications
DS14235 - Rev 5
page 34/146



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com