Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99DZ320 Datasheet(PDF) 24 Page - STMicroelectronics

Part # L99DZ320
Description  Automotive rear door device with CAN FD and LIN
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99DZ320 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button L99DZ320 Datasheet HTML 20Page - STMicroelectronics L99DZ320 Datasheet HTML 21Page - STMicroelectronics L99DZ320 Datasheet HTML 22Page - STMicroelectronics L99DZ320 Datasheet HTML 23Page - STMicroelectronics L99DZ320 Datasheet HTML 24Page - STMicroelectronics L99DZ320 Datasheet HTML 25Page - STMicroelectronics L99DZ320 Datasheet HTML 26Page - STMicroelectronics L99DZ320 Datasheet HTML 27Page - STMicroelectronics L99DZ320 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 146 page
background image
Symbol
Parameter
Test condition
Min. Typ. Max. Unit Item
tFOC_PWM(1)
Filter time of overcurrent signal
in all half bridges in PWM mode
(no blanking time tBLK applied)
5
9
12
µs
D.135
tFSC_PWM(1)
Filter time of short-circuit current
signal in all half bridges in PWM
mode (no blanking time tBLK
applied)
4
7
10
µs
D.136
tOCR00
TON time of overcurrent signal in
HB4,.. HB6, HS7, .., HS9
(includes blanking time tBLK and
is also valid if OCR is disabled)
Tested by scan
xx_OCR_TON[0,1] = 00
88
µs
D.068
tOCR01
xx_OCR_TON[0,1] = 01
80
µs
D.069
tOCR10
xx_OCR_TON[0,1] = 10
72
µs
D.070
tOCR11
xx_OCR_ TON[0,1] = 11
64
µs
D.071
fOCR00
Recovery frequency for OC
Tested by scan
xx_OCR_FREQ[0,1] = 00
1.7
kHz D.072
fOCR01
xx_OCR_FREQ[0,1] = 01
2.2
kHz D.073
fOCR10
xx_OCR_FREQ[0,1] = 10
3
kHz D.074
fOCR11
xx_OCR_FREQ[0,1] = 11
4.4
kHz D.075
|IOLD6|(2)
Undercurrent threshold HS and
LS
VS = 13.5 V, sink and source
1
30
95
mA D.079
|IOLD4|(2), |IOLD5|(2)
30
150
300
mA D.133
|IOLD7|(2)
Undercurrent threshold HS in
low on-resistance mode
VS / VSREG = 13.5 V source
15
50
90
mA D.081
Undercurrent threshold HS in
high on-resistance mode
3
12
25
mA D.082
|IOLD8|(2), |IOLD9|
Undercurrent threshold HS
10
20
30
mA D.083
|IOLD11|(2), |IOLD12|(2),
|IOLD13|(2), |IOLD14|(2),
|IOLD15|, |IOLD0|(2)
Undercurrent threshold HS
0.2 0.65
1.5
mA D.086
tFOL
Filter time of open-load signal
Duration of open-load condition to
set the status bit. Tested by scan
200
µs
D.092
1. Parameter specified by design, not tested in production.
2. IOLD parameters, in the range 8 V to 16 V, are specified by design and evaluated by characterization. Production testing is
done at 13.5 V.
L99DZ320
Electrical specifications
DS14235 - Rev 5
page 24/146



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com