Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99DZ320 Datasheet(PDF) 19 Page - STMicroelectronics

Part # L99DZ320
Description  Automotive rear door device with CAN FD and LIN
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99DZ320 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button L99DZ320 Datasheet HTML 15Page - STMicroelectronics L99DZ320 Datasheet HTML 16Page - STMicroelectronics L99DZ320 Datasheet HTML 17Page - STMicroelectronics L99DZ320 Datasheet HTML 18Page - STMicroelectronics L99DZ320 Datasheet HTML 19Page - STMicroelectronics L99DZ320 Datasheet HTML 20Page - STMicroelectronics L99DZ320 Datasheet HTML 21Page - STMicroelectronics L99DZ320 Datasheet HTML 22Page - STMicroelectronics L99DZ320 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 146 page
background image
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
Item
ICM acc
Current monitor accuracy for
HB4, .., HB6, HS7, .., HS9
IHS8,HS9min = 100 mA,
IHS8,HS9max = 0.3 A
-8% IHS
*ICMr_typ - 2%
FS (1)
0
8% IHS
*ICMr_typ + 2%
FS(1)
A
A.046
IHS7(High on-resistance),
IHSmin = 100 mA, IHSmax = 300 mA
IHS7(Low on-resistance),
IHSmin = 500 mA, IHSmax = 1.4 A
Current monitor accuracy for
HS11, .., HS15, HS0
IHS11,HS12,HS13,HS14,HS15 and HS0 ,
IHSmin = 100 mA, IHSmax = 0.13 A
-8% IHS
*ICMr_typ - 4%
FS(1)
0
8% IHS
*ICMr_typ + 4%
FS(1)
A
A.047
tcmb(2)
Current monitor setting time
32
µs
A.051
1. FS (full scale) = IHB(HS)max * ICMr_typ.
2. Parameter is specified by design, not tested in production.
2.4.9
Charge pump
The voltages are referred to ground, and currents are assumed positive, when the current flows into the pin.
6 V < VS < 28 V, TJ = -40 °C to 150 °C, unless otherwise specified.
Table 15. Charge pump
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
Items
VCP
Charge pump output voltage
VS = 6 V, ICP = -15 mA
VS + 6
VS + 7
V
A.052
VS ≥ 10 V, ICP = -15 mA
VS + 11
VS + 12
VS + 13.5
V
A.053
ICP
Charge pump output current(1)
VCP = VS + 10 V; VS = 13.5 V;
C1 = C2 = CCP = 100 nF
22
mA
A.054
ICPlim
Charge pump output current limitation(2)
VCP = VS; VS = 13.5 V;
C1 = C2 = CCP = 100 nF
25
70
mA
A.055
VCP_low Charge pump low threshold voltage
VS + 4.5
VS + 5
VS + 5.5
V
A.056
TCP
Charge pump low filter time
Tested by scan
44
64
77
µs
A.057
tset,CP
Charge pump startup blanking time
Tested by scan
358
576
692
µs
A.183
fCP
Charge pump frequency
Tested by scan
400
kHz
A.058
1. ICP is the minimum current the device can provide to an external circuit without VCP going below VS + 10 V.
2. ICPlim is the maximum current, which flows out of the device in case of a short to VS.
L99DZ320
Electrical specifications
DS14235 - Rev 5
page 19/146



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com