Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99DZ320 Datasheet(PDF) 99 Page - STMicroelectronics

Part # L99DZ320
Description  Automotive rear door device with CAN FD and LIN
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99DZ320 Datasheet(HTML) 99 Page - STMicroelectronics

Back Button L99DZ320 Datasheet HTML 95Page - STMicroelectronics L99DZ320 Datasheet HTML 96Page - STMicroelectronics L99DZ320 Datasheet HTML 97Page - STMicroelectronics L99DZ320 Datasheet HTML 98Page - STMicroelectronics L99DZ320 Datasheet HTML 99Page - STMicroelectronics L99DZ320 Datasheet HTML 100Page - STMicroelectronics L99DZ320 Datasheet HTML 101Page - STMicroelectronics L99DZ320 Datasheet HTML 102Page - STMicroelectronics L99DZ320 Datasheet HTML 103Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 146 page
background image
6.4
Control registers
6.4.1
Control register 1 (CR1, 0x26)
Table 76. Control register 1
23
22
21
20
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Bit
name
Reset
value
0
1
0
1
0
1
0
Access
RW
R
RW
R
RW
Table 77. CR1 signals description
Bit
Name
Description
23
CAN_LOOP_EN
CAN looping of TXDC to RXDC
0: CAN looping disabled (default)
1: CAN looping enabled
22
LIN_TXD_TOUT
LIN TXD timeout detection
0: LIN TXD timeout detection disabled
1: LIN TXD timeout detection enabled (default)
21
LIN_WU_CONFIG
Configuration of LIN wake-up behavior
0: wake-up at recessive-dominant-recessive with t_dom > 28 μs (default) (according to LIN 2.2a and
hardware requirements for transceivers version 1.3)
1: wake-up at recessive-dominant transition
20-19
RESERVED
-
18
DISABLE_CP_DITH
Charge pump dithering
0: charge pump dithering enabled (default)
1: charge pump dithering disabled
17
ICMP_CONFIG_EN
ICMP configuration enable
0: writing ICMP = 1 is blocked (writing ICMP = 0 is possible); (default)
1: writing ICMP = 1 is possible with next SPI command
bit is automatically reset to 0 after next SPI command
16
WD_CONFIG_EN
Watchdog configuration enable
0: writing to WD configuration (CR17 [0:1]) is blocked (default)
1: writing to WD configuration bits is possible with next SPI command
bit is automatically reset to 0 after next SPI command
15-14
RESERVED
-
13
MASK_TW
0: thermal warning is not masked (default)
1: thermal warning is masked that is reported as a global warning (GSB bit 25) but not as a global error (GSB
bit 31)
12
RESERVED
-
11
MASK_OL
0: open-load condition at all outputs are not masked (default)
1: open-load condition at all outputs are masked, that is reported as a functional error (GSB bit 27), but not as
a global error (GSB bit 31)
L99DZ320
SPI Registers
DS14235 - Rev 5
page 99/146



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com