Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99DZ320 Datasheet(PDF) 101 Page - STMicroelectronics

Part # L99DZ320
Description  Automotive rear door device with CAN FD and LIN
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99DZ320 Datasheet(HTML) 101 Page - STMicroelectronics

Back Button L99DZ320 Datasheet HTML 97Page - STMicroelectronics L99DZ320 Datasheet HTML 98Page - STMicroelectronics L99DZ320 Datasheet HTML 99Page - STMicroelectronics L99DZ320 Datasheet HTML 100Page - STMicroelectronics L99DZ320 Datasheet HTML 101Page - STMicroelectronics L99DZ320 Datasheet HTML 102Page - STMicroelectronics L99DZ320 Datasheet HTML 103Page - STMicroelectronics L99DZ320 Datasheet HTML 104Page - STMicroelectronics L99DZ320 Datasheet HTML 105Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 146 page
background image
6.4.2
Control register 2 (CR2, 0x27)
Table 78. Control register 2
23
22
21
20
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Bit
name
Reset
value
0
Access
R
RW
R
Table 79. CR2 signals description
Bit
Name
Description
23:6
RESERVED
-
5
PWM6
PWM control for HB6
PWM6: PWM control for HB6
0: PWM6 disabled, DIR2 function enabled (default)
1: PWM6 applied to HB6 LS, DIR2 function disabled
4
PWM4-5_1
PWM control for HB4 and HB5
PWM4-5 control
00: OFF, PWM4-5 not applied (default)
01: PWM4-5 applied to HB4 LS
10: PWM4-5 applied to HB5 LS
11: PWM4-5 applied to both HB4 and HB5 low-sides at the same time
3
PWM4-5_0
2
CP_OFF
Switch OFF the charge pump
0: charge pump ON (default)
1: charge pump OFF
Note:
Setting CP_OFF = 1 is possible only if CP_OFF_EN is set to “1” in CR1.
1
ICMP
V1 load current supervision
0: enabled; watchdog is disabled in V1_Standby when IV1< ICMP (default)
1: disabled; watchdog is disabled upon transition into V1_Standby mode
Note:
Setting ICMP = 1 is only possible when ICMP_CONFIG_EN = 1 in CR1.
0
RESERVED
-
L99DZ320
SPI Registers
DS14235 - Rev 5
page 101/146



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com