Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99DZ320 Datasheet(PDF) 33 Page - STMicroelectronics

Part # L99DZ320
Description  Automotive rear door device with CAN FD and LIN
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99DZ320 Datasheet(HTML) 33 Page - STMicroelectronics

Back Button L99DZ320 Datasheet HTML 29Page - STMicroelectronics L99DZ320 Datasheet HTML 30Page - STMicroelectronics L99DZ320 Datasheet HTML 31Page - STMicroelectronics L99DZ320 Datasheet HTML 32Page - STMicroelectronics L99DZ320 Datasheet HTML 33Page - STMicroelectronics L99DZ320 Datasheet HTML 34Page - STMicroelectronics L99DZ320 Datasheet HTML 35Page - STMicroelectronics L99DZ320 Datasheet HTML 36Page - STMicroelectronics L99DZ320 Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 146 page
background image
Table 29. CAN receiver input characteristics during CAN normal mode
Symbol
Parameter
Test condition
Min. Typ. Max. Unit Item
VTHdom
Differential receiver threshold voltage recessive to
dominant state
-12 V≤ VCANH ≤12 V,
12 V≤ VCANL ≤12 V
0.5
0.9
V
E.034
Vdom_range Differential dominant input level voltage range
-12 V ≤ VCANH ≤ 12 V,
-12 V ≤ VCANL ≤ 12 V
0.9
10
V
E.103
VTHrec
Differential receiver threshold voltage dominant to
recessive state
12 V ≤ VCANH ≤ 12 V,
-12 V ≤ VCANL ≤ 12 V
0.5
0.9
V
E.035
Vrec_range Differential recessive input level voltage range
-12 V ≤ VCANH ≤ 12 V,
-12 V ≤ VCANL ≤ 12 V
-5
0.5
V
E.104
Note:
CAN normal mode: tested in TRX ready state while the device is in active mode.
Table 30. CAN receiver input characteristics during CAN low-power mode, biasing inactive
Symbol
Parameter
Test condition
Min. Typ. Max. Unit Item
VTHdomLP
Differential receiver threshold voltage recessive to
dominant state
12 V ≤ VCANH ≤ 12 V,
-12 V ≤ VCANL ≤ 12 V
0.4
1.15
V
E.038
Vdom_range_LP Differential dominant input level voltage range
-12 V ≤ VCANH ≤ 12 V,
-12 V ≤ VCANL ≤ 12 V
1.15
10
V
E.105
VTHrecLP
Differential receiver threshold voltage dominant to
recessive state
12 V ≤ VCANH ≤ 12 V,
-12 V ≤ VCANL ≤ 12 V
0.4
1.15
V
E.039
Vrec_range_LP Differential recessive input level voltage range
-12 V ≤ VCANH ≤ 12 V,
-12 V ≤ VCANL ≤ 12 V
-5
0.4
V
E.106
VCANHrecLP
CANH output voltage in recessive state
-0.1
0.1
V
E.120
VCANLrecLP
CANL output voltage in recessive state
-0.1
0.1
V
E.121
VDIFF,recOUTLP
Differential output voltage in recessive state:
VCANHrecLP-VCANLrecLP
-0.2
0.2
V
E.122
Note:
CAN low-power mode, biasing inactive: tested in CAN TRX STDBY (bias off) state while the device is in active
mode, V1_Standby mode and VBAT_Standby mode.
Table 31. CAN receiver input resistance
Symbol
Parameter
Test condition
Min. Typ. Max. Unit Item
Rdiff
Differential internal
resistance
VTXDC = VTXDCHIGH, No load
Rdiff = RCANH + RCANL
-2 V ≤ VCANH ≤ 7 V, -2 V ≤ VCANL ≤ 7 V(1)
12
100
kΩ
E.040
RCANH, CANL
Single ended internal
resistance
VTXDC = VTXDCHIGH, No load
-2 V ≤ VCANH ≤ 7 V, -2 V ≤ VCANL ≤ 7 V(1)
6
50
kΩ
E.041
mR
Internal resistance
matching RCANH,CANL
Biasing active, VTXDC = VTXDCHIGH, no load,
mR = 2 x (RCAN_H - RCAN_L) / (RCAN_H + RCAN_L),
10 kΩ resistor between CANH-CANL pin
with external 5 V
-0.03
0.03
E.042
L99DZ320
Electrical specifications
DS14235 - Rev 5
page 33/146



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com