Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99DZ320 Datasheet(PDF) 73 Page - STMicroelectronics

Part # L99DZ320
Description  Automotive rear door device with CAN FD and LIN
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99DZ320 Datasheet(HTML) 73 Page - STMicroelectronics

Back Button L99DZ320 Datasheet HTML 69Page - STMicroelectronics L99DZ320 Datasheet HTML 70Page - STMicroelectronics L99DZ320 Datasheet HTML 71Page - STMicroelectronics L99DZ320 Datasheet HTML 72Page - STMicroelectronics L99DZ320 Datasheet HTML 73Page - STMicroelectronics L99DZ320 Datasheet HTML 74Page - STMicroelectronics L99DZ320 Datasheet HTML 75Page - STMicroelectronics L99DZ320 Datasheet HTML 76Page - STMicroelectronics L99DZ320 Datasheet HTML 77Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 146 page
background image
3.27
Short-circuit detection/ drain-source monitoring
The drain-source voltage of each activated external Power MOSFET of the H-bridge is monitored by comparators
to detect shorts to ground or battery. If the voltage drop over the external Power MOSFET exceeds the threshold
voltage VSCd for longer than the short current detection time tSCd plus the comparator settling time tscs, the
corresponding gate driver switches the external Power MOSFET off and the corresponding drain-source
monitoring flag (DS MON LS1, DS MON LS2, DS MON HS1, DS MON HS2) is set. The DSMON_x bits have to
be cleared through the SPI to reactivate the gate drivers. This monitoring is only active while the corresponding
gate driver is activated. If a drain-source monitor event is detected (in Table 55. H-bridge monitoring in off mode is
generically indicated as DS=1, meaning an OR among all four DSMON bits), the corresponding gate driver
remains activated for at maximum the filter time tSCd plus comparator settling time tSCs. The threshold voltage
VSCd can be programmed using the SPI.
Figure 33. H-bridge diagnosis
M
Vs
GH1
VS
SH1
GL1
VS
GH2
SH2
GL2
20k
20k
Gate Driver HS
Gate Driver LS
DS-Monitoring HS
DS-Monitoring LS
OL-Monitoring
VSCd
VSCd
20k
20k
Gate Driver HS
Gate Driver LS
DS-Monitoring HS
DS-Monitoring LS
OL-Monitoring
VSCd
VSCd
GND
GND
3.28
H-bridge monitoring in OFF mode
The drain-source voltages of the H-bridge driver external transistors can be monitored, while the transistors are
switched off. If either bit OL_H1L2 (CR12) or OL_H2L1 (CR12) is set to ‘1’, while bit HEN (CR 18) = ‘1’, the H-
drivers enter resistive low mode and the drain-source voltages can be monitored. Since the pull-up resistance is
equal to the pull-down resistance on both sides of the bridge a voltage of 2/3VS on the pull-up high-side and
1/3VS on the low-side is expected, if they drive a low-resistive inductive load (for example motor). If the drain-
source voltage on each of these Power MOSFET is less than 1/6 VS, the drain-source monitor bit of the
associated driver is set. In off-mode monitoring DSMON_HS1 and DSMON_HS2 are not used and set to 0, being
relevant only DSMON_LS1and DSMON_LS2. In case of a short to ground the drain-source monitor bits of both
low-side gate drivers are set. A short to VS can be diagnosed by setting the “H-bridge OL high threshold (H OLTH
High)” bit to one. The open-load filter time (tfOL) is 2 ms typical.
L99DZ320
Functional description
DS14235 - Rev 5
page 73/146



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com