Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99DZ320 Datasheet(PDF) 62 Page - STMicroelectronics

Part # L99DZ320
Description  Automotive rear door device with CAN FD and LIN
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99DZ320 Datasheet(HTML) 62 Page - STMicroelectronics

Back Button L99DZ320 Datasheet HTML 58Page - STMicroelectronics L99DZ320 Datasheet HTML 59Page - STMicroelectronics L99DZ320 Datasheet HTML 60Page - STMicroelectronics L99DZ320 Datasheet HTML 61Page - STMicroelectronics L99DZ320 Datasheet HTML 62Page - STMicroelectronics L99DZ320 Datasheet HTML 63Page - STMicroelectronics L99DZ320 Datasheet HTML 64Page - STMicroelectronics L99DZ320 Datasheet HTML 65Page - STMicroelectronics L99DZ320 Datasheet HTML 66Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 146 page
background image
•
Serial data in (DI)
The input pin is used to transfer serial data into the device. The data applied to the DI is sampled at the
rising edge of the CLK signal and shifted into an internal 32-bit shift register. At the rising edge of the CSN
signal the content of the shift register is transferred to the data input register. The writing to the selected
data input register is only enabled if exactly 32 bits are transmitted within one communication frame (that is
CSN low). If more or less clock pulses are counted within one frame the complete frame is ignored. This
safety function is implemented to avoid an activation of the output stages by a wrong communication
frame.
Note:
Due to this safety functionality a daisy chaining of SPI is not possible. Instead, a parallel operation of the SPI
bus by controlling the CSN signal of the connected IC's is recommended.
•
Serial data out (DO)
The data output driver is activated by a logical low level at the CSN input and switches from high
impedance to a low or high level depending on the global error flag (fault condition). The first rising edge of
the CLK input after a high to low transition of the CSN pin transfers the content of the selected status
register into the data out shift register. Each subsequent falling edge of the CLK shifts the next bit out.
•
Serial clock (CLK)
The CLK input is used to synchronize the input and output serial bit streams. The data input (DI) is
sampled at the rising edge of the CLK and the data output (DO) changes with the falling edge of the CLK
signal. The SPI can be driven with a CLK frequency up to 4 MHz.
3.12
Power supply fail
3.12.1
VS supply failure
VS overvoltage
If the supply voltage VS reaches the overvoltage threshold VSOV:
•
LIN remains enabled
•
CAN remains enabled
•
HB4, ..., HB6 and HS7, .. , HS14 are turned off (default)
•
The shutdown of outputs may be disabled by SPI (VS_OV_SD_EN = 0)
•
Charge pump is disabled (and is switched on automatically in case the supply voltage recovers to normal
operating voltage)
•
H-bridge gate driver is switched into sink condition
•
Recovery of outputs after overvoltage condition is configurable by SPI
–
VS_LOCK_EN (CR16) = 1: outputs are off until Read&Clear VS_OV (SR7)
–
VS_LOCK_EN (CR16) = 0: outputs turned on automatically after VS overvoltage condition has
recovered
•
The overvoltage bit VS_OV (SR7) is set and can be cleared with a ‘Read&Clear’ command. The
overvoltage bit is reset automatically if VS_ LOCK_EN (CR16) = 0 and the overvoltage condition has
recovered
VS undervoltage
If the supply voltage Vs drops below the undervoltage threshold voltage (VSUV):
•
LIN remains enabled
•
CAN remains enabled
•
HB4, ..., HB6 and HS7, .. , HS14 are turned OFF (default). The shutdown of outputs may be disabled by
SPI (VS_UV_SD_EN (CR16) = 0).(1)
•
Recovery of outputs after undervoltage condition is configurable by SPI:
–
VS_LOCK_EN (CR16) = 1: outputs are off until Read&Clear VS_UV (SR7)
–
VS_LOCK_EN (CR16) = 0: outputs turned on automatically after VS undervoltage condition has
recovered
•
The undervoltage bit (VSUV) is set and can be cleared with a ‘Read and Clear’ command. The undervoltage
bit is removed automatically if VS_LOCK_EN = 0 and the undervoltage condition has recovered
•
H-bridge gate driver passes to resistive low condition. (If VS_UV_SD EN = 1, otherwise remains
unchanged until CP_LOW = 1)
L99DZ320
Functional description
DS14235 - Rev 5
page 62/146



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com