Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99DZ320 Datasheet(PDF) 10 Page - STMicroelectronics

Part # L99DZ320
Description  Automotive rear door device with CAN FD and LIN
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99DZ320 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button L99DZ320 Datasheet HTML 6Page - STMicroelectronics L99DZ320 Datasheet HTML 7Page - STMicroelectronics L99DZ320 Datasheet HTML 8Page - STMicroelectronics L99DZ320 Datasheet HTML 9Page - STMicroelectronics L99DZ320 Datasheet HTML 10Page - STMicroelectronics L99DZ320 Datasheet HTML 11Page - STMicroelectronics L99DZ320 Datasheet HTML 12Page - STMicroelectronics L99DZ320 Datasheet HTML 13Page - STMicroelectronics L99DZ320 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 146 page
background image
2.3.1
LQFP64 thermal data
Devices belonging to the L99DZxxx family embed a multitude of junctions (that is outputs based on a Power
MOSFET stage) housed in a relatively small piece of silicon. The L99DZ320 contains, among all the described
features, 3 half-bridges (6 N-channel Power MOSFET), 9 high-sides and two voltage regulators.
For this reason, using the thermal impedance of a single junction (that is voltage regulator or major power
dissipation contributor) does not allow to predict thermal behavior of the whole device and therefore it is not
possible to assess if a device is thermally suitable for a given activation profile and loads characteristics.
Some representative and realistic worst case thermal profiles are described in the below paragraph. The following
measurement methods can be easily implemented, by the final user, for a specific activation profile.
2.3.2
L99DZ320 thermal profiles
Profile 1
Battery voltage: 16 V, ambient temperature start: 85°C
DC activation:
V1 charged with 80 mA (62 Ω - DC activation)
V2 charged with 30 mA (150 Ω - DC activation)
HS7: 150 Ω resistor (DC activation)
HS8: 330 Ω resistor (DC activation)
HS11: 470 Ω resistor (DC activation)
HS12: 470 Ω resistor (DC activation)
HS13: 470 Ω resistor (DC activation)
HS14: 470 Ω resistor (DC activation)
Cyclic activation
•
HB4–HB5: 4.8 Ω (3.3 + 1.5) resistor placed across those outputs 10 activations of lock/unlock (200 ms ON
lock; 2500 ms wait; 200 ms ON unlock; 2500 ms wait)
•
HB5–HB6: 10 Ω resistor placed across those outputs 10 activations of safe lock/unlock (200 ms ON lock;
2500 ms wait; 200 ms ON unlock; 2500 ms wait)
Test execution:
Once thermal equilibrium is reached with all DC load active, the “cyclic activation” sequence is applied.
The device operates always without triggering the thermal warning threshold.
Profile 2
Battery voltage: 16 V, ambient temperature start: 85°C
DC activation:
V1 charged with 100 mA (50 Ω - DC activation)
V2 charged with 30 mA (150 Ω - DC activation)
HS7: 150 Ω resistor (DC activation)
HS8: 330 Ω resistor (DC activation)
HS11: 470 Ω resistor (DC activation)
HS12: 470 Ω resistor (DC activation)
HS13: 470 Ω resistor (DC activation)
HS14: 470 Ω resistor (DC activation)
Cyclic activation
•
Windows lift: real motor placed across external MOS 2 activations up/down. (5 s up; 5 s down)
Test execution:
Once thermal equilibrium is reached with all DC load active, the “cyclic activation” sequence is applied.
The device operates always without triggering the thermal warning threshold.
L99DZ320
Electrical specifications
DS14235 - Rev 5
page 10/146



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com