Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADMV1455BBCZ-R7 Datasheet(PDF) 30 Page - Analog Devices

Part # ADMV1455BBCZ-R7
Description  17.7GHz to 55GHz, Wideband, Microwave Downconverter
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMV1455BBCZ-R7 Datasheet(HTML) 30 Page - Analog Devices

Back Button ADMV1455BBCZ-R7 Datasheet HTML 26Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 27Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 28Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 29Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 30Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 31Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 32Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 33Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 34Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 141 page
background image
Data Sheet
ADMV1455
TYPICAL PERFORMANCE CHARACTERISTICS
analog.com
Rev. 0 | 30 of 141
RETURN LOSS
The supply voltage = 1.8V (all supplies) and TC = 25°C, unless otherwise noted.
All measurements taken with PRF = −45dBm, PLO = −5dBm, PIF = −15dBm, maximum gain, RF LPF setting = 0x00 (highest cutoff), RF HPF
setting = 0x3F (lowest cutoff), and IF BPF settings = 8GHz, unless otherwise noted.
Probe measurements, where applicable, were performed by probing the trace terminated out of the device.
Figure 56. RF Input Return Loss vs. RF Input Frequency at Various RF Bands
and DSA2 Settings, at 25°C
Figure 57. DSA1 Input Return Loss vs. RF Input Frequency at Various RF
Bands and DSA1 Settings, at 25°C
Figure 58. DSA1 Output Return Loss vs. RF Input Frequency at Various RF
Bands and DSA1 Settings, at 25°C
Figure 59. DSA1 Gain vs. RF Input Frequency at Various RF Bands and DSA1
Settings, at 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com