Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADMV1455BBCZ-R7 Datasheet(PDF) 68 Page - Analog Devices

Part # ADMV1455BBCZ-R7
Description  17.7GHz to 55GHz, Wideband, Microwave Downconverter
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMV1455BBCZ-R7 Datasheet(HTML) 68 Page - Analog Devices

Back Button ADMV1455BBCZ-R7 Datasheet HTML 64Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 65Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 66Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 67Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 68Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 69Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 70Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 71Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 72Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 141 page
background image
Data Sheet
ADMV1455
THEORY OF OPERATION
analog.com
Rev. 0 | 68 of 141
Initialization SPI Instructions
Starting at tINITIALIZE (see Figure 167), configure the chip by using
the SPI instructions for its intended operation. Give all the neces-
sary SPI instructions to configure the chip, looping from tINITIALIZE
to the ready time, tREADY for each instruction. Keep the CEN
input low during the initialization SPI instructions, and complete the
initialization at tREADY.
Chip Enable and Operation
After all the initialization SPI instructions have been completed, wait
a minimum of t16 to ensure that the digital logic has processed the
instructions prior to setting the CEN input high at tOPERATIONAL to
enable chip operation. At tOPERATIONAL, the RF portions of the chip
are enabled. See Figure 168 for more information.
During chip operation, any necessary SPI instructions can be giv-
en, along with the LOAD input toggles, and any changes to the
ADD_Fx and ADD_Gx inputs. Continue operating, looping from
tOPERATIONAL to tCONTINUE until it is desired to either disable the chip,
reset the chip, or power down the chip.
Figure 168. Operational Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com