Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADMV1455BBCZ-R7 Datasheet(PDF) 1 Page - Analog Devices

Part # ADMV1455BBCZ-R7
Description  17.7GHz to 55GHz, Wideband, Microwave Downconverter
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMV1455BBCZ-R7 Datasheet(HTML) 1 Page - Analog Devices

  ADMV1455BBCZ-R7 Datasheet HTML 1Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 2Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 3Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 4Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 5Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 6Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 7Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 8Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 141 page
background image
Data Sheet
ADMV1455
17.7GHz to 55GHz, Wideband, Microwave Downconverter
Rev. 0
DOCUMENT FEEDBACK
TECHNICAL SUPPORT
One Analog Way, Wilmington, MA 01887-2356, U.S.A.
|
Tel: 781.935.5565
|
©2025 Analog Devices, Inc. All rights reserved.
FEATURES
►
Wideband RF input frequency range: 17.7GHz to 55GHz
►
Integrated RF chain features
►
Tunable image rejection filters
►
Gain control DSAs
►
Integrated LO chain features
►
Input frequency range: 8.85GHz to 27.5GHz
►
Internal 2× multiplier
►
Tunable LO harmonic rejection filters
►
I/Q phase correction
►
Two frequency translation modes
►
IF single-ended output (2GHz to 12GHz)
►
Baseband I/Q differential output (DC to 8GHz)
►
I/Q baseband mode programmable features
►
Imbalance optimization
►
Common-mode voltages
►
DC offset correction
►
Gain selection
►
High gain (50Ω differential, DC to 8GHz)
►
Low gain (100Ω differential, DC to 4GHz)
►
IF mode programmable features
►
Image rejection optimization
►
Tunable band-pass filter
►
Gain control DSAs
►
Internal power detectors with programmable automatic power-
down overload protection
►
NVM factory calibration to minimize part to part variations
►
Simple SPI: 3-wire or 4-wire
►
General-purpose logic outputs for integration with other chips in
a system
►
LUT logic address inputs for fast frequency hopping applications
►
120-ball, 6mm × 6.5mm, CSP_BGA package
APPLICATIONS
►
Satellite payload1 and ground stations (SATCOM)
►
Wideband radar and electronic warfare systems (EW)
►
Instrumentation and automatic test equipment (ATE)
►
Millimeter-wave 5G and 6G testers
1For information regarding commercial space low (CSL) or commer-
cial space high (CSH) qualified versions of the ADMV1455, contact
space@analog.com.
GENERAL DESCRIPTION
The ADMV1455 is a highly integrated microwave downconverter
optimized for wideband radio designs operating in the 17.7GHz
to 55GHz RF frequency range. Provides a compact alternative to
traditional multichip solutions, significantly reducing system size,
weight, and power consumption.
The integrated local oscillator (LO) signal chain accepts LO input
signals in the 8.85GHz to 27.5GHz range. In the LO signal chain,
there are internal amplifiers, a 2× frequency multiplier, programma-
ble harmonic-rejection filters, and phase-adjust circuitry that gener-
ates the necessary 17.7GHz to 55GHz signal to drive the in-phase/
quadrature (I/Q) mixer.
The ADMV1455 has two, switch selectable, RF signal chains. One
chain operates within the 17.7GHz to 34GHz range, and the other
chain operates in the 30GHz to 55GHz range. Each chain has
multiple stages of low noise amplifiers (LNAs), signal level control,
and filtering. A power detector is provided to allow monitoring of the
power levels at the I/Q mixer inputs.
The two frequency translation modes available are: a single-ended
output intermediate frequency (IF) and a differential I/Q baseband.
The single-ended output IF mode operates in the 2GHz to 12GHz
frequency range and includes an on-chip 90° IF hybrid, a tunable
filter, and two adjustable stages of gain control. The differential
I/Q baseband mode operates from DC to 8GHz and includes a pro-
grammable internal common-mode voltage, programmable offset
voltages, and programmable gain select. The differential output
impedance is centered about 75Ω, which allows the baseband
outputs to interface with either a 50Ω or 100Ω differential load
impedance.
The RF input, LO input, and IF output are all single-ended and
matched to 50Ω impedance. No external matching circuitry is re-
quired.
Integrated gain and frequency look-up tables (LUT) are provided
and can be addressed through the serial peripheral interface (SPI)
or directly using the ADD_Fx and ADD_Gx ball connections to allow
fast switching for frequency hopping applications.
Incorporated is a simple SPI that can operate in either a 3-wire
or 4-wire implementation. The SPI allows programming all on-chip
functions, such as gain control, image rejection optimization, tuna-
ble filters, general-purpose logic outputs, and the LUT.
The ADMV1455 downconverter is offered in a BGA package that
supports heat sinking either from the top of the package or through
the bottom of the printed circuit board (PCB). Either method of
heat sinking has similar thermal performance and is acceptable to
efficiently control the TC. The ADMV1455 operates over the −40°C
to +95°C temperature range.


Similar Part No. - ADMV1455BBCZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADMV1009 AD-ADMV1009 Datasheet
435Kb / 23P
12.7 GHz to 15.4 GHz, GaAs, MMIC, Upper Sideband, Differential Upconverter
4/2018-Rev. A to Rev. B
ADMV1009-EVALZ AD-ADMV1009-EVALZ Datasheet
435Kb / 23P
12.7 GHz to 15.4 GHz, GaAs, MMIC, Upper Sideband, Differential Upconverter
4/2018-Rev. A to Rev. B
ADMV1009AEZ AD-ADMV1009AEZ Datasheet
435Kb / 23P
12.7 GHz to 15.4 GHz, GaAs, MMIC, Upper Sideband, Differential Upconverter
4/2018-Rev. A to Rev. B
ADMV1009AEZ-R7 AD-ADMV1009AEZ-R7 Datasheet
435Kb / 23P
12.7 GHz to 15.4 GHz, GaAs, MMIC, Upper Sideband, Differential Upconverter
4/2018-Rev. A to Rev. B
ADMV1010 AD-ADMV1010 Datasheet
401Kb / 21P
12.6 GHz to 15.4 GHz, GaAs, MMIC, I/Q Downconverter
4/2018-Rev. A to Rev. B
More results

Similar Description - ADMV1455BBCZ-R7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL5416 INTERSIL-ISL5416 Datasheet
1Mb / 71P
Four-Channel Wideband Programmable DownConverter
February 2003
logo
Tyco Electronics
MD59-0044 MACOM-MD59-0044 Datasheet
321Kb / 11P
Wideband Downconverter 0.7-2.5GHz
logo
Intersil Corporation
ISL5416 INTERSIL-ISL5416_04 Datasheet
1Mb / 71P
Four-Channel Wideband Programmable DownConverter
August 2004
logo
Analog Devices
AD6636 AD-AD6636_15 Datasheet
1Mb / 80P
150 MSPS, Wideband, Digital Downconverter
REV. A
logo
RF Micro Devices
RFRX1701 RFMD-RFRX1701 Datasheet
1Mb / 7P
GaAs MMIC IQ Downconverter 17.7GHz to 26.5GHz
RFRX1702 RFMD-RFRX1702 Datasheet
1Mb / 7P
GaAs MMIC IQ Downconverter 17.7GHz to 19.7GHz
logo
Renesas Technology Corp
ISL5416 RENESAS-ISL5416 Datasheet
2Mb / 71P
Four-Channel Wideband Programmable DownConverter
logo
Analog Devices
ADMV1013 AD-ADMV1013 Datasheet
1Mb / 39P
Wideband, Microwave Upconverter
4/2019-Rev. 0 to Rev. A
ADMV1014 AD-ADMV1014 Datasheet
2Mb / 42P
24 GHz to 44 GHz, Wideband, Microwave Downconverter
4/2019-Rev. 0 to Rev. A
ADMV4640 AD-ADMV4640 Datasheet
2Mb / 41P
10.7 GHz to 12.7 GHz, SATCOM, Microwave Downconverter
Rev. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com