Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADMV1455BBCZ-R7 Datasheet(PDF) 77 Page - Analog Devices

Part # ADMV1455BBCZ-R7
Description  17.7GHz to 55GHz, Wideband, Microwave Downconverter
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMV1455BBCZ-R7 Datasheet(HTML) 77 Page - Analog Devices

Back Button ADMV1455BBCZ-R7 Datasheet HTML 73Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 74Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 75Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 76Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 77Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 78Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 79Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 80Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 81Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 141 page
background image
Data Sheet
ADMV1455
THEORY OF OPERATION
analog.com
Rev. 0 | 77 of 141
DSA2
The DSA directly after the LNA in the RF signal chains is DSA2.
This attenuator offers two states, 0dB and 6dB. When using the
bypass registers (Register 0x28A set to 1), use Register 0x28B,
Bit 4, to set the DSA2 state. When not using the bypass registers
(Register 0x28A set to 0), use Register 0x600, Bit 4, to set the
DSA2 state. Set Bit 4 to 0 for the 0dB state and 1 for the 6dB state.
DSA3
The DSA directly after DSA2 in the RF signal chains is DSA3.
This attenuator offers 16 states, 0dB to 15dB, with steps of 1dB.
The attenuation is proportional to the value programmed. When
using the bypass registers (Register 0x28A set to 1), use Register
0x28C, Bits[3:0] to set the DSA3 state. When not using the bypass
registers (Register 0x28A set to 0), use Register 0x601, Bits[3:0] to
set the DSA3 state.
RF TUNABLE LPFS
Both the low band and the high band RF signal chains contain a
tunable LPF to help reject image frequencies. Each tunable LPF
contains 4 bits, or 16 states, that control the cutoff frequency.
The cutoff frequency is inversely proportional to the LPF value
programmed.
When using the bypass register (Register 0x2A0), set Bit 4 to 1,
and then program the intended LPF value into Bits[3:0]. When not
using the bypass register (Register 0x2A0), set Bit 4 to 0, then use
Register 0x802, Bits[7:4], or the frequency LUT.
When using either Register 0x802 or the frequency LUT, the low
band tunable LPF has three control bits (0 to 7), and the value
programmed is multiplied by 2 (shift left by one position). For
example, when Register 0x802, Bits[7:4] are set to 7, the effective
LPF value is 14.
When using either Register 0x802 or the frequency LUT, the high
band tunable LPF retains the full 4 control bits.
RF TUNABLE HPF
The high band RF signal chains contain a tunable HPF to help
reject image frequencies. The tunable HPF contains 6 bits, or 64
states, that control the cutoff frequency. The cutoff frequency is
inversely proportional to the HPF value programmed.
When using the bypass register (Register 0x2A1), set Bit 7 to 1,
and then program the intended HPF value into Bits[5:0]. When not
using the bypass register (Register 0x2A1), set Bit 7 to 0, then use
Register 0x804, Bits[7:4], or the frequency LUT.
When using either Register 0x804 or the frequency LUT, the
tunable HPF has four control bits, and the value programmed is
multiplied by 4 (shift left by two positions). For example, when
Register 0x804, Bits[7:4] are set to 15, the effective LPF value is
60.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com