Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADMV1455BBCZ-R7 Datasheet(PDF) 17 Page - Analog Devices

Part # ADMV1455BBCZ-R7
Description  17.7GHz to 55GHz, Wideband, Microwave Downconverter
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMV1455BBCZ-R7 Datasheet(HTML) 17 Page - Analog Devices

Back Button ADMV1455BBCZ-R7 Datasheet HTML 13Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 14Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 15Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 16Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 17Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 18Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 19Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 20Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 141 page
background image
Data Sheet
ADMV1455
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
analog.com
Rev. 0 | 17 of 141
Table 17. Pin Function Descriptions (Continued)
Pin No.
Mnemonic
Description
G4, G5
GPO_F0
General-Purpose Digital Output Ball Filter 0. Active high, 1.8V logic. This ball can be left floating. Do not
ground this ball.
G6, H6
GPO_F1
General-Purpose Digital Output Ball Filter 1. Active high, 1.8V logic. This ball can be left floating. Do not
ground this ball.
G8, G9
ADD_F3
Frequency LUT Address Bit 3. Active high, 1.8V logic. No internal pull-up or pull-down resistance. Tie
ADD_F3 to the logic output from a microcontroller or FPGA; do not float. If ADD_F3 is not used to set the
LUT address pointer, ground this ball.
H1
ADD_G2
Gain LUT Address Bit 2. Active high, 1.8V logic. No internal pull-up or pull-down resistance. Tie ADD_G2
to the logic output from a microcontroller or FPGA; do not float. If ADD_G2 is not used to set the LUT
address pointer, ground this ball.
H2
ADD_G3
Gain LUT Address Bit 3. Active high, 1.8V logic. No internal pull-up or pull-down resistance. Tie ADD_G2
to the logic output from a microcontroller or FPGA; do not float. If ADD_G3 is not used to set the LUT
address pointer, ground this ball.
H3
VDD_IF_1
IF Chain Supply Voltage, 1.8V. Place 0.01μF and 1μF decoupling capacitors close to VDD_IF.
H7, H8
ADD_F2
Frequency LUT Address Bit 2. Active high, 1.8V logic. No internal pull-up or pull-down resistance. Tie
ADD_F2 to the logic output from a microcontroller or FPGA; do not float. If ADD_F2 is not used to set the
LUT address pointer, ground this ball.
H9
CHIP_ADD0
Chip Address Bit 0. Active high, 1.8V logic. CHIP_ADD0 is internally pulled high through 15kΩ. This
ball can be dynamically set by the logic output from a microcontroller or FPGA. For fixed addressing
implementations, set high by leaving this ball floating and set low by grounding this ball. For single chip
implementations, always ground this ball.
H10
LOAD
Load Synchronous Toggle. Active high, 1.8V logic. When the LOAD feature is enabled, transitioning the
LOAD ball from a logic low to logic high causes content in the filter and gain registers to be sent to the
working registers. Return the LOAD ball to logic low when the loading operation completes, see Figure
168 for more information. No internal pull-up or pull-down resistance. Tie LOAD to the logic output from a
microcontroller or FPGA; do not float. If LOAD feature is not used, ground this ball.
H11
SDIO
SPI Data Input and Output. Active high, 1.8V logic. For 3-wire SPI implementation, SDIO is bidirectional.
For 4-wire SPI implementation, SDIO is only used for data input.
J1
ADD_G1
Gain LUT Address Bit 1. Active high, 1.8V logic. No internal pull-up or pull-down resistance. Tie ADD_G1
to the logic output from a microcontroller or FPGA; do not float. If ADD_G1 is not used to set the LUT
address pointer, ground this ball.
J2
ADD_G4
Gain LUT Address Bit 4. Active high, 1.8V logic. No internal pull-up or pull-down resistance. Tie ADD_G4
to the logic output from a microcontroller or FPGA; do not float. If ADD_G4 is not used to set the LUT
address pointer, ground this ball.
J11
SDO
SPI Data Output. Active high, 1.8V logic. For 4-wire SPI implementations, SPI data is read using the SDO
ball. If SDO is not used, float this ball.
J12
SCLK
SPI Clock Input. Active high, 1.8V logic. During SPI write transactions, data is sampled on the rising edge
of SCLK. During SPI read transactions, output data changes at the falling edge of SCLK.
K1
DVDD
Digital Supply Voltage, 1.8V. Place 0.01μF and 1μF decoupling capacitors close to DVDD.
K2
ADD_G5
Gain LUT Address Bit 5. Active high, 1.8V logic. No internal pull-up or pull-down resistance. Tie ADD_G5
to the logic output from a microcontroller or FPGA; do not float. If ADD_G5 is not used to set the LUT
address pointer, ground this ball.
K3
VDD_IF_2
IF Supply Voltage, 1.8V. Place 0.01μF and 1μF decoupling capacitors close to VDD_IF_2.
K5
IF
IF Output. The IF ball is DC-coupled and matched to 50Ω. Do not apply an external voltage to the IF ball. If
required, place a DC-blocking capacitor in series with IF and ensure that any capacitor parasitic attributes
are acceptable for the operating frequency range.
K7, K8
BB_QN, BB_QP
Differential Baseband Q Outputs. The outputs are internally DC-coupled with a 75Ω differential output
impedance, which allows the outputs to interface with either a 50Ω or 100Ω differential load impedance.
The common-mode voltage range is from 0.8V to 1.5V when VDD_BB = 2.5V and from 0.8V to 1.1V when
VDD_BB = 1.8V. When operating in IF mode, BB_QN and BB_QP can float.
K10
CEN
Chip Enable. Active high, 1.8V logic. No internal pull-up or pull-down resistance. Tie CEN to the logic
output from a microcontroller, FPGA, or power sequencer; do not float. The CEN pin must be held low until
all supply voltages have been turned on and RST has been set high.
K11
RST
Chip Reset. Active low, 1.8V logic.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com