Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADMV1455BBCZ-R7 Datasheet(PDF) 86 Page - Analog Devices

Part # ADMV1455BBCZ-R7
Description  17.7GHz to 55GHz, Wideband, Microwave Downconverter
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMV1455BBCZ-R7 Datasheet(HTML) 86 Page - Analog Devices

Back Button ADMV1455BBCZ-R7 Datasheet HTML 82Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 83Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 84Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 85Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 86Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 87Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 88Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 89Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 90Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 141 page
background image
Data Sheet
ADMV1455
APPLICATIONS INFORMATION
analog.com
Rev. 0 | 86 of 141
RECOMMENDED PCB LAYOUT
The ADMV1455 package type is a ball grid array that allows for
a high pin count in a small footprint. The exposed balls on the
underside of the package are intended to be soldered to a low
thermal and electrical impedance ground plane. Typically, the PCB
contains a solder mask defined land pattern for each ball to ensure
proper solder containment and attachment.
Care must be taken with the RF trace routing escape plan for a par-
ticular implementation. In order of precedence, it is recommended
to prioritize the RF traces, followed by the power supply pins, and
then the digital logic connections.
The RF connections into and out of the ADMV1455 are near the
edge of the package to ease the escape plan. Inner layer trace
stripline routing is encouraged, particularly for applications where
RF isolation performance metrics are important. Regardless of
the type of RF traces employed in a PCB design, it is generally
recommended to have via stitching run parallel to either side of the
RF traces. The via stitching can be either through-board type vias
or blind layer-to-layer vias.
Ideally, the ground connection balls are connected to the through-
board type vias to maximum the heat transfer from the package to
the PCB thermal plane. Refer to the Thermal Resistance section for
more information on ADMV1455 thermal performance metrics.
The ADMV1455 evaluation board utilizes the recommendations
listed within this section, and this section is a good starting point for
many applications. Refer to the ADMV1455-EVALZ user guide for
more information regarding the evaluation board.
EVALUATION BOARD INFORMATION
See the ADMV1455-EVALZ evaluation board web page for addi-
tional information on the evaluation board for the ADMV1455.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com