Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADMV1455BBCZ-R7 Datasheet(PDF) 83 Page - Analog Devices

Part # ADMV1455BBCZ-R7
Description  17.7GHz to 55GHz, Wideband, Microwave Downconverter
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMV1455BBCZ-R7 Datasheet(HTML) 83 Page - Analog Devices

Back Button ADMV1455BBCZ-R7 Datasheet HTML 79Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 80Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 81Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 82Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 83Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 84Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 85Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 86Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 87Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 141 page
background image
Data Sheet
ADMV1455
THEORY OF OPERATION
analog.com
Rev. 0 | 83 of 141
POWER DETECTOR
The ADMV1455 contains a power detector after the RF signal
chains (RF_C) and before the I/Q mixer that allows for estimating
of the RF input power level. The power detector output can be
sampled by using the on-chip ADC, and the value can then be read
back via the SPI.
The internal termination resistor on the power detector can shift the
RF input power level vs. the ADC code response. Refer to Figure
96 for an example response curve.
Use Register 0x178 (DETECTOR_RES_CTRL) to set the internal
termination resistor. It is recommended to maintain a value of 7
for most applications, particularly when the chip is configured for
maximum gain. If there is a requirement for lower gain (more
attenuation), then it may be beneficial to use a lower value for the
internal termination resistor.
It is useful to perform a factory calibration, where known RF input
power levels are applied to RF_IN or DSA_IN, and then the corre-
sponding ADC codes are read back via the SPI. Create a table in
the system microcontroller for storing the factory calibration values.
Follow the instructions in the Automatic ADC Configuration section
for information on setting up the ADC and reading back the power
detector value.
TEMPERATURE SENSOR
The ADMV1455 contains an on-chip temperature sensor that allows
monitoring of the chip temperature. The temperature sensor output
can be sampled using the on-chip ADC, and the value can then be
read back via the SPI.
Follow the instructions in the Automatic ADC Configuration section
for information on setting up the ADC and reading back the temper-
ature sensor value.
To estimate the TC of the ADMV1455 use the following equation:
TC=−56×ADC_CODE+177
(3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com