Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADMV1455BBCZ-R7 Datasheet(PDF) 88 Page - Analog Devices

Part # ADMV1455BBCZ-R7
Description  17.7GHz to 55GHz, Wideband, Microwave Downconverter
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMV1455BBCZ-R7 Datasheet(HTML) 88 Page - Analog Devices

Back Button ADMV1455BBCZ-R7 Datasheet HTML 84Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 85Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 86Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 87Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 88Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 89Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 90Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 91Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 92Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 141 page
background image
Data Sheet
ADMV1455
REGISTER SUMMARY
analog.com
Rev. 0 | 88 of 141
Table 27. ADMV1455 Register Summary (Continued)
Reg
Name
Bits
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reset
Access
0x107
REG0107
[7:0]
TEMP_
SENSOR_
PD
RE-
SERVED
ADC_PD
RE-
SERVED
BB_Q_
AMP_PD
BB_Q_
AMP_
BIAS_PD
BB_I_
AMP_PD
BB_I_
AMP_
BIAS_PD
0x0F
R/W
0x108
REG0108
[7:0]
RESERVED
OVERLOAD_
PROTECTION_
MODE
0x00
R/W
0x15C
REG015C
[7:0]
RESERVED
BB_I_VOCM
0x05
R/W
0x165
REG0165
[7:0]
RESERVED
BB_Q_VOCM
0x05
R/W
0x172
REG0172
[7:0]
RESERVED
LNA_OVERLOAD_THRESHOLD
0x0F
R/W
0x173
REG0173
[7:0]
RESERVED
DSA1_OVERLOAD_THRESHOLD
0x0F
R/W
0x178
REG0178
[7:0]
RESERVED
DETECTOR_RES_CTRL
0x07
R/W
0x17D
REG017D
[7:0]
RESERVED
MIXER_
GATE_
SELECT
0x01
R/W
0x184
REG0184
[7:0]
RESERVED
IF_BB_
SWITCH_
CTRL
0x01
R/W
0x188
REG0188
[7:0]
RESERVED
IF_RES_
CAL_
BYPASS_
EN
IF_RES_CAL
0x04
R/W
0x18A
REG018A
[7:0]
RESERVED
BB_
VOCM_
SEL
0x01
R/W
0x18C
REG018C
[7:0]
RESERVED
BB_IP_OFFSET_POS
0x00
R/W
0x18D
REG018D
[7:0]
RESERVED
BB_IN_OFFSET_NEG
0x3F
R/W
0x18E
REG018E
[7:0]
RESERVED
BB_IP_OFFSET_NEG
0x00
R/W
0x18F
REG018F
[7:0]
RESERVED
BB_IN_OFFSET_POS
0x3F
R/W
0x190
REG0190
[7:0]
RESERVED
BB_QP_OFFSET_POS
0x00
R/W
0x191
REG0191
[7:0]
RESERVED
BB_QN_OFFSET_NEG
0x3F
R/W
0x192
REG0192
[7:0]
RESERVED
BB_QP_OFFSET_NEG
0x00
R/W
0x193
REG0193
[7:0]
RESERVED
BB_QN_OFFSET_POS
0x3F
R/W
0x194
REG0194
[7:0]
RESERVED
BB_Q_
GAIN_SEL
BB_I_
GAIN_SEL
0x03
R/W
0x200
REG0200
[7:0]
FILTER_SM_STEP
0x01
R/W
0x202
REG0202
[7:0]
RESERVED
FILTER_
LUT_EN
0x01
R/W
0x203
REG0203
[7:0]
RESERVED
FILTER_LUT_MODE
0x00
R/W
0x204
REG0204
[7:0]
RESERVED
FILTER_
SM_
RESET
0x01
R/W
0x205
REG0205
[7:0]
FILTER_SM_POINTER
0x00
R
0x206
REG0206
[7:0]
RESERVED
FILTER_SM_STOP
0x1F
R/W
0x207
REG0207
[7:0]
RESERVED
FILTER_
LUT_
SELECT
0x00
R/W
0x208
REG0208
[7:0]
RESERVED
FILTER_
LOAD_
EN
0x00
R/W
0x209
REG0209
[7:0]
RESERVED
FILTER_SPI_POINTER
0x00
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com