Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADMV1455BBCZ-R7 Datasheet(PDF) 7 Page - Analog Devices

Part # ADMV1455BBCZ-R7
Description  17.7GHz to 55GHz, Wideband, Microwave Downconverter
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMV1455BBCZ-R7 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADMV1455BBCZ-R7 Datasheet HTML 3Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 4Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 5Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 6Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 7Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 8Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 9Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 10Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 141 page
background image
Data Sheet
ADMV1455
SPECIFICATIONS
analog.com
Rev. 0 | 7 of 141
DSA_IN Input, High Band
TC = 25°C, all supply voltages = 1.8V, PRF = −40dBm, PLO = −5dBm, fRF = 49GHz, fIF = 8GHz, fLO = 41GHz (upper sideband), maximum gain,
RF LPF setting = 0x00 (highest cutoff), and RF HPF setting = 0x3F (lowest cutoff), unless otherwise noted.
Table 4. DSA_IN Input, High Band
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
DSA PERFORMANCE
Full Attenuation Range
Set DSA1 to DSA5 maximum attenuation
66
dB
Attenuation Step Size
DSA1
1
dB
DSA2
6
dB
DSA3, DSA4, and DSA5
1
dB
Attenuation Step Error
DSA1
±0.2
dB
DSA2
±0.2
dB
DSA3, DSA4, and DSA5
±0.2
dB
RX IF MODE, HIGH BAND, DSA_IN PERFORMANCE
DSA_IN input pin, IF_OUT output pin, and DSA_OUT
connected by short 50Ω line to RF_IN on PCB
Conversion Gain
36
dB
Single Sideband Noise Figure
12.0
dB
Input P1dB
−21
dBm
IP3
100 MHz tone spacing
−11
dBm
IMRR
Uncalibrated
−28
dBc
Calibrated
−52
dBc
DSA_IN Input, Low Band
TC = 25°C, all supply voltages = 1.8V, PRF = −50dBm, PLO = −5dBm, fRF = 26GHz, fIF = 8GHz, fLO = 34GHz (lower sideband), maximum gain,
and RF LPF setting = 0x00 (highest cutoff), unless otherwise noted.
Table 5. DSA_IN Input, Low Band
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
DSA PERFORMANCE
Full Attenuation Range
Set DSA1 to DSA5 maximum attenuation
64
dB
Attenuation Step Size
DSA1
1
dB
DSA2
6
dB
DSA3, DSA4, and DSA5
1
dB
Attenuation Step Error
DSA1
±0.2
dB
DSA2
±0.2
dB
DSA3, DSA4, and DSA5
±0.2
dB
RX IF MODE, LOW BAND, DSA_IN PERFORMANCE
DSA_IN input pin, IF_OUT output pin, and DSA_OUT
connected by short 50Ω line to RF_IN on PCB
Conversion Gain
45
dB
Single Sideband Noise Figure
9.0
dB
Input P1dB
−30
dBm
IP3
100MHz tone spacing
−19
dBm
IMRR
Uncalibrated
−55
dBc
Calibrated
−80
dBc



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com