Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADMV1455BBCZ-R7 Datasheet(PDF) 67 Page - Analog Devices

Part # ADMV1455BBCZ-R7
Description  17.7GHz to 55GHz, Wideband, Microwave Downconverter
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMV1455BBCZ-R7 Datasheet(HTML) 67 Page - Analog Devices

Back Button ADMV1455BBCZ-R7 Datasheet HTML 63Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 64Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 65Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 66Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 67Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 68Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 69Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 70Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 71Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 141 page
background image
Data Sheet
ADMV1455
THEORY OF OPERATION
analog.com
Rev. 0 | 67 of 141
TIMING DIAGRAMS OVERVIEW
The timing diagrams shown in Figure 167, Figure 168, Figure 169,
and Figure 170 help with visualizing the various programming and
power sequences of operation for the ADMV1455. These timing
diagrams utilize the timing specifications detailed in Table 8.
Contained within this guidance are limitations to prevent possible
damage to the ADMV1455, such as keeping the digital inputs low
during power up and removing the digital inputs before or at the
same time as power down. Additionally, the timing diagrams contain
best practices for operation, such as programming the necessary
SPI instructions prior to enabling the RF portions of the chip using
the CEN input.
See the Power-Up and Apply the Digital Inputs section, the Initial-
ization SPI Instructions section, the Chip Enable and Operation
section, the Chip Disable and Reset section, and the Chip Disable
and Power-Down section for additional details regarding these
timing diagrams.
Power-Up and Apply the Digital Inputs
The power-up and initialization timing diagram (see Figure 167)
shows the power supplies rising by t1, starting from the start time,
tSTART. After the power supply voltages have been brought to
90% of their nominal values, valid digital inputs can be applied
after waiting a minimum time of t2 at tDIGITAL. To prevent possible
damage to the chip, do not apply digital inputs before tDIGITAL.
Generally, at tDIGITAL, the RST and CS inputs go high together. If
applicable, the CHIP_ADD0 and CHIP_ADD1 are also set at this
time in preparation for the SPI instructions. Wait a minimum of t3 to
allow the chip to reset before beginning the SPI instructions at the
initialization time, tINITIALIZE.
Figure 167. Power-Up and Initialization Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com