Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADMV1455BBCZ-R7 Datasheet(PDF) 72 Page - Analog Devices

Part # ADMV1455BBCZ-R7
Description  17.7GHz to 55GHz, Wideband, Microwave Downconverter
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMV1455BBCZ-R7 Datasheet(HTML) 72 Page - Analog Devices

Back Button ADMV1455BBCZ-R7 Datasheet HTML 68Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 69Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 70Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 71Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 72Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 73Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 74Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 75Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 76Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 141 page
background image
Data Sheet
ADMV1455
THEORY OF OPERATION
analog.com
Rev. 0 | 72 of 141
Filter State Machine
The internal state machine can be used to sequence through many
states, using the ADD_F4 input to advance and the ADD_F3 to
reset. The state machine has several input parameters from the
SPI, such as start value, stop value, step size, wrap setting, and
reset.
At power up, the state machine output is zero, and it can be reset to
zero using either the ADD_F3 ball or Register 0x204. Set ADD_F3
to logic high to hold the state machine in reset and then bring to
logic low to re-enter normal operation. Alternatively, set Register
0x204 to 0 to hold the state machine in reset and then set it back to
1 to re-enter normal operation.
To ensure the state machine is well behaved, it is recommended to
set the stop value greater than the start value. The step size is a
8-bit twos complement value, with a range of −128 to +127, where
−128 is represented by 0x80, +127 is represented by 0x7F, and −1
is represented by 0xFF. A step size of zero is invalid.
Use Register 0x205 to read back the current value of the state
machine.
When the wrap setting is disabled, incremental sequencing starts
at zero, incrementing by the step size. If the state machine has
reached the stop value, then the next state is the start value. If the
step size increments to more than the stop value, then the start
value is used.
When the wrap setting is disabled, decremental sequencing starts
at zero, then decrements by the step size. If the state machine has
reached zero, then the next state is the stop value. If the step size
decrements to less than zero, then the stop value is used. The start
value is ignored during this sequence.
When the wrap setting is enabled, incremental sequencing starts at
zero, then increments by the step size. If the step size increments
to more than the stop value, then the sequence rolls over and
continues the remaining count from zero. The start value is ignored
during this sequence.
When the wrap setting is enabled, decremental sequencing starts
at zero, then decrements by the step size. If the step size decre-
ments to less than zero, then the sequence rolls over and continues
the remaining count from the stop value. The start value is ignored
during this sequence.
Refer to Table 18 for the applicable registers and example state
machine behavior. The sequences shown in Table 18 continue
indefinitely for each rising edge on ADD_F4.
Table 18. Filter State Machine Example Behavior
Example
Step1
Start2
Stop3
Wrap4
State Machine Sequence
1
+1
3
6
0
0, 1, 2, 3, 4, 5, 6, 3, 4, 5, 6, 3, 4, 5, 6…
2
+2
3
6
0
0, 2, 4, 6, 3, 5, 3, 5, 3, 5, 3, 5, 3, 5, 3…
3
+3
3
6
0
0, 3, 6, 3, 6, 3, 6, 3, 6, 3, 6, 3, 6, 3, 6…
4
+4
3
6
0
0, 4, 3, 3, 3, 3, 3, 3, 3, 3, 3, 3, 3, 3, 3…
5
−1
3
6
0
0, 6, 5, 4, 3, 2, 1, 0, 6, 5, 4, 3, 2, 1, 0…
6
−2
3
6
0
0, 6, 4, 2, 0, 6, 4, 2, 0, 6, 4, 2, 0, 6, 4…
7
−3
3
6
0
0, 6, 3, 0, 6, 3, 0, 6, 3, 0, 6, 3, 0, 6, 3…
8
−4
3
6
0
0, 6, 2, 6, 2, 6, 2, 6, 2, 6, 2, 6, 2, 6, 2…
9
+1
3
6
1
0, 1, 2, 3, 4, 5, 6, 0, 1, 2, 3, 4, 5, 6, 0…
10
+2
3
6
1
0, 2, 4, 6, 1, 3, 5, 0, 2, 4, 6, 1, 3, 5, 0…
11
+3
3
6
1
0, 3, 6, 2, 5, 1, 4, 0, 3, 6, 2, 5, 1, 4, 0…
12
+4
3
6
1
0, 4, 1, 5, 2, 6, 3, 0, 4, 1, 5, 2, 6, 3, 0…
13
−1
3
6
1
0, 6, 5, 4, 3, 2, 1, 0, 6, 5, 4, 3, 2, 1, 0…
14
−2
3
6
1
0, 5, 3, 1, 6, 4, 2, 0, 5, 3, 1, 6, 4, 2, 0…
15
−3
3
6
1
0, 4, 1, 5, 2, 6, 3, 0, 4, 1, 5, 2, 6, 3, 0…
16
−4
3
6
1
0, 3, 6, 2, 5, 1, 4, 0, 3, 6, 2, 5, 1, 4, 0…
1 The step size is determined by Register 0x200, Bits[7:0].
2 The start is determined by Register 0x20A, Bits[4:0].
3 The stop is determined by Register 0x206, Bits[4:0].
4 The wrap setting is determined by Register 0x20A, Bit 5.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com