Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADMV1455BBCZ-R7 Datasheet(PDF) 82 Page - Analog Devices

Part # ADMV1455BBCZ-R7
Description  17.7GHz to 55GHz, Wideband, Microwave Downconverter
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMV1455BBCZ-R7 Datasheet(HTML) 82 Page - Analog Devices

Back Button ADMV1455BBCZ-R7 Datasheet HTML 78Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 79Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 80Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 81Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 82Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 83Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 84Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 85Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 86Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 141 page
background image
Data Sheet
ADMV1455
THEORY OF OPERATION
analog.com
Rev. 0 | 82 of 141
DSA4
The DSA directly after the IF BPF in the IF signal chains is DSA4.
This attenuator offers 16 states, 0dB to 15dB, with steps of 1dB.
The attenuation is proportional to the value programmed. When
using the bypass registers (Register 0x28A set to 1), use Register
0x28C, Bits[7:4], to set the DSA4 state. When not using the bypass
registers (Register 0x28A set to 0), use Register 0x601, Bits[7:4], to
set the DSA4 state.
DSA5
The DSA directly after DSA4 in the IF signal chains is DSA5.
This attenuator offers 16 states, 0dB to 15dB, with steps of 1dB.
The attenuation is proportional to the value programmed. When
using the bypass registers (Register 0x28A set to 1), use Register
0x28D, Bits[3:0], to set the DSA5 state. When not using the bypass
registers (Register 0x28A set to 0), use Register 0x602, Bits[3:0] to
set the DSA5 state.
TOTAL GAIN CONTROL
Table 25 is the typical total available gain (attenuation) control for
each configuration that can be implemented with the ADMV1455.
Table 25. Typical Total Available Gain (Attenuation) for Each Configuration
Configuration
Available Attenuation (dB)
Input
Output
LNA (RF_IN)
IF
51
I/Q baseband
21
DSA1 (DSA_IN)
IF
66
I/Q baseband
36
RF GAIN POLICY
The RF gain (attenuation) policy to achieve the best noise figure
performance is to keep all DSAs at their maximum gain state.
When it is necessary to reduce the gain and the noise figure is
prioritized, it is then best to set the attenuation in reverse order.
For IF mode, start by introducing attenuation in DSA5, followed by
DSA4, DSA3, DSA2, and then DSA1. For I/Q baseband mode, it
start by introducing attenuation in DSA3, DSA2, and then DSA1.
To optimize input P1dB and input IP3 performance, set the attenua-
tion in normal order. For IF mode, start by introducing attenuation in
DSA1, followed by DSA2, DSA3, DSA4, and then DSA5. Note that
this gain policy significantly degrades noise figure performance.
To balance input P1dB, input IP3, and noise figure, set attenuation
in DSA4 and then DSA5. This gain improves P1dB and IIP3 while
having minimal impact on noise figure.
AUTOMATIC ADC CONFIGURATION
The ADMV1455 includes an on-chip, automatic ADC that can
continuously capture the power detector and temperature sensor
values. The values can then be read back using the SPI via
Register 0x040 and Register 0x041.
The ADC also contains averaging that can be configured using
Register 0x055 (ADC_FILTER_TAPS). The amount of averaging is
determined by 2 raised to the power of the value in Register 0x055.
The recommended value is 27, or 128 averages. The ADC capture
time is inversely proportional to the number of averages.
To set up the automatic ADC configuration, take the following steps:
1. Set Register 0x107, Bit 7 and Bit 5 to value 0, which powers up
the temperature sensor and the ADC.
2. Set Register 0x178 to the value desired, DETEC-
TOR_RES_CTRL, typically 7.
3. Set Register 0x043 to 0x00 to disable the ADC_CLK.
4. Set Register 0x051 to 0x00 to set the ADC for automatic mode.
5. Set Register 0x055 to 0x07 to set ADC_FILTER_TAPS averag-
ing to 27.
6. Set Register 0x052 to 0x21 for reading of both the pow-
er detector and temperature sensor, as well as set the
ADC_CLK_FREQ to 3.5MHz.
7. Set Register 0x05F to 0x00 to ensure that the digital filter is not
held in reset.
8. Set Register 0x043 to 0x01 to enable the ADC_CLK.
Perform read backs of the following registers for the power detector
and temperature sensor values:
1. Read Register 0x041 for the power detector value.
2. Read Register 0x040 for the temperature sensor value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com