Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADMV1455BBCZ-R7 Datasheet(PDF) 12 Page - Analog Devices

Part # ADMV1455BBCZ-R7
Description  17.7GHz to 55GHz, Wideband, Microwave Downconverter
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMV1455BBCZ-R7 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADMV1455BBCZ-R7 Datasheet HTML 8Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 9Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 10Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 11Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 12Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 13Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 14Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 15Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 141 page
background image
Data Sheet
ADMV1455
ABSOLUTE MAXIMUM RATINGS
analog.com
Rev. 0 | 12 of 141
Table 12. RF Input Power Ratings, IF Mode, 2 Hour Lifetime
Parameter
RF Band
Low (dBm)
High (dBm)
CEN = Low
RF_IN
+7
+7
DSA_IN at DSA1 ≤ 10
+11 + DSA1 Value +11 + DSA1 Value
DSA_IN at DSA1 ≥ 11
+22
+22
CEN = High
RF_IN for All DSAs Combined
At Maximum Gain
−35
−28
At Minimum Gain
0
0
RF_IN for Each DSA Set to Its
Maximum Attenuation
DSA2
−29
−22
DSA3
−20
−13
DSA4
−20
−13
DSA5
−20
−13
DSA_IN for All DSAs Combined
At Maximum Gain
−31
−24
At Minimum Gain
+4
+4
DSA_IN for Each DSA Set to Its
Maximum Attenuation
DSA1
−16
−16
DSA2
−25
−18
DSA3
−16
−9
DSA4
−16
−9
DSA5
−16
−9
Table 13. RF Input Power Ratings, I/Q Baseband Mode, 2 Hour Lifetime
Parameter
RF Band
Low (dBm)
High (dBm)
CEN = Low
RF_IN
+7
+7
DSA_IN at DSA1 ≤ 13
+11 + DSA1 Value +11 + DSA1 Value
DSA_IN at DSA1 ≥ 11
+22
+22
CEN = High
RF_IN for All DSAs Combined
At Maximum Gain
−20
−10
At Minimum Gain
0
0
RF_IN for Each DSA Set to Its
Maximum Attenuation
DSA2
−15
−5
DSA3
−15
−5
DSA_IN for All DSAs Combined
At Maximum Gain
−16
−6
At Minimum Gain
+4
+4
DSA_IN for Each DSA Set to Its
Maximum Attenuation
DSA1
−1
+4
DSA2
−11
−1
DSA3
−11
−1
Stresses at or above those listed under Absolute Maximum Ratings
may cause permanent damage to the product. This is a stress
rating only; functional operation of the product at these or any other
conditions above those indicated in the operational section of this
specification is not implied. Operation beyond the maximum operat-
ing conditions for extended periods may affect product reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com