Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADMV1455BBCZ-R7 Datasheet(PDF) 87 Page - Analog Devices

Part # ADMV1455BBCZ-R7
Description  17.7GHz to 55GHz, Wideband, Microwave Downconverter
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMV1455BBCZ-R7 Datasheet(HTML) 87 Page - Analog Devices

Back Button ADMV1455BBCZ-R7 Datasheet HTML 83Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 84Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 85Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 86Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 87Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 88Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 89Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 90Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 91Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 141 page
background image
Data Sheet
ADMV1455
REGISTER SUMMARY
analog.com
Rev. 0 | 87 of 141
Note: The Filter LUT A Index 1 to filter LUT B Index 31 bit fields functionality (Register 0x90D to Register 0xC3F) is identical to filter LUT A
Index 0 bit fields functionality (Register 0x900 and Register 0x90C). The Gain LUT Index 1 to gain LUT Index 66 bit fields functionality (Register
0xE04 to Register 0xF0B) is identical to gain LUT_0 bit fields functionality (Register 0xE00 and Register 0xE03).
Table 27. ADMV1455 Register Summary
Reg
Name
Bits
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reset
Access
0x000
REG0000
[7:0]
SOFT_
RESET_R
LSB_
FIRST_R
ADDR_
ASCN_R
SDO_
ACTIVE_R
SDO_
ACTIVE
ADDR_
ASCN
LSB_
FIRST
SOFT_
RESET
0x00
R/W
0x004
REG0004
[7:0]
PRODUCT_ID[7:0]
0x66
R
0x005
REG0005
[7:0]
PRODUCT_ID[15:8]
0x00
R
0x00A
REG000A
[7:0]
SCRATCH_PAD
0x00
R/W
0x040
REG0040
[7:0]
ADC_TEMP_SENSOR_READBACK
0x00
R
0x041
REG0041
[7:0]
ADC_DETECTOR_READBACK
0x00
R
0x043
REG0043
[7:0]
RESERVED
ADC_
CLK_EN
0x00
R/W
0x051
REG0051
[7:0]
MANUAL_
ADC_
MODE_EN
MANUAL_
ADC_EN
RE-
SERVED
MANUAL_ADC_MUX_SEL
0x00
R/W
0x052
REG0052
[7:0]
RESERVED
DETEC-
TOR_
SAMP-
LING_
TRIG
DIGITAL_
FILTER_
RESET
ADC_
RESET
RE-
SERVED
ADC_CLK_FREQ
0x00
R/W
0x053
REG0053
[7:0]
ADC_OUT
0x00
R
0x054
REG0054
[7:0]
RESERVED
ADC_EOC 0x01
R
0x055
REG0055
[7:0]
RESERVED
ADC_FILTER_TAPS
0x00
R/W
0x05F
REG005F
[7:0]
RESERVED
HARD_
RESET_
DIGITAL_
FILTER
0x00
R/W
0x078
REG0078
[7:0]
RESERVED
NVM_OSC_CFG
0x09
R/W
0x07B
REG007B
[7:0]
NVM_READ_ADDRESS
0x00
R/W
0x07C
REG007C
[7:0]
NVM_READ_DATA[7:0]
0x00
R
0x07D
REG007D
[7:0]
NVM_READ_DATA[15:8]
0x00
R
0x07E
REG007E
[7:0]
NVM_REFRESH
0x68
R/W
0x0A0
REG00A0
[7:0]
RESERVED
RX_LNA_
OVER-
LOAD
RX_
DSA1_
OVER-
LOAD
0x00
R
0x0A1
REG00A1
[7:0]
RESERVED
RX_LNA_
OVER-
LOAD_
LATCHED
0x00
R
0x101
REG0101
[7:0]
RESERVED
RF_
DSA_
OVER-
LOAD_PD
RESERVED
0x00
R/W
0x102
REG0102
[7:0]
RESERVED
RF_LNA_
OVER-
LOAD_PD
RESERVED
0x00
R/W
0x104
REG0104
[7:0]
IF_AMP3_
BIAS_PD
RE-
SERVED
IF_AMP2_
PD
IF_AMP2_
BIAS_PD
RE-
SERVED
IF_AMP1_
PD
IF_AMP1_
BIAS_PD
RE-
SERVED
0x00
R/W
0x105
REG0105
[7:0]
RESERVED
IF_AMP3_
PD
0x00
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com