Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADMV1455BBCZ-R7 Datasheet(PDF) 81 Page - Analog Devices

Part # ADMV1455BBCZ-R7
Description  17.7GHz to 55GHz, Wideband, Microwave Downconverter
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMV1455BBCZ-R7 Datasheet(HTML) 81 Page - Analog Devices

Back Button ADMV1455BBCZ-R7 Datasheet HTML 77Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 78Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 79Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 80Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 81Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 82Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 83Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 84Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 85Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 141 page
background image
Data Sheet
ADMV1455
THEORY OF OPERATION
analog.com
Rev. 0 | 81 of 141
IF TUNABLE BPF
The IF signal chain contains a tunable BPF to help reject unwanted
IF frequencies and optimize IF output power flatness. The tunable
BPF has a typical bandwidth of 4GHz and includes both coarse and
fine adjustabilities.
Set Register 0x2A2, Bit 4, to 1 to enable the fine adjust of
the tunable BPF. The fine adjust value is then set by Register
0x2A2, Bits[3:0]. The coarse adjust is set by either Register 0x804,
Bits[3:2], or the frequency LUT.
There are two additional controls that impact the IF signal chain
performance, the IF resistor calibration and the IF subband. The
IF resistor calibration is enabled by Register 0x188, Bit 3, and the
value is determined by Bits[2:0]. The IF subband is determined by
Register 0x800, Bits[6:5]. These settings must be adjusted together
with the BPF coarse adjust value based upon the desired IF center
frequency.
Refer to Table 24 for guidance on setting the tunable BPF based
upon the desired IF center frequency. Depending upon the appli-
cation requirements for gain flatness and rejection, further small
changes to the BPF fine adjust value can be beneficial.
Table 24. IF Tunable BPF Recommended Settings
Frequency
Register
IF Resistor Calibration,
Register 0x188, Bits[3:0]
IF Subband,
Register 0x800, Bits[6:5]
Coarse Adjust,
Register 0x804, Bits[3:2]
Fine Adjust,
Register 0x2A2, Bits[4:0]
4GHz
0xC
0x3
0x3
0x1F
6GHz
0xE
0x1
0x0
0x1D
8GHz
0xE
0x0
0x0
0x12
10GHz
0xE
0x0
0x0
0x10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com