Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADMV1455BBCZ-R7 Datasheet(PDF) 57 Page - Analog Devices

Part # ADMV1455BBCZ-R7
Description  17.7GHz to 55GHz, Wideband, Microwave Downconverter
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMV1455BBCZ-R7 Datasheet(HTML) 57 Page - Analog Devices

Back Button ADMV1455BBCZ-R7 Datasheet HTML 53Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 54Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 55Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 56Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 57Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 58Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 59Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 60Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 61Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 141 page
background image
Data Sheet
ADMV1455
TYPICAL PERFORMANCE CHARACTERISTICS
analog.com
Rev. 0 | 57 of 141
BASEBAND MODE, DSA_IN, HIGH BAND
All measurements use DSA_IN as an input and baseband IQ as an output, with the RF high-band settings. DSA_OUT is connected to RF_IN
on-board with a short 50Ω trace.
VDD_BB = 2.5V, all other supplies = 1.8V, and TC = 25°C, unless otherwise noted.
Measurements performed with PRF = −40dBm, PLO = −5dBm, fRF = 49GHz, fBB = 100MHz, fLO = 48.9GHz (upper sideband), maximum gain, RF
LPF setting = 0x00 (highest cutoff), RF HPF setting = 0x3F (lowest cutoff), LO tunable filter wideband high settings, and VOCM setting = 0x0C,
unless otherwise noted.
Measurements performed with high gain settings (Register 0x194, Bits[1:0] = 0b'11) with on-board matching network, unless otherwise noted.
Measurements performed as single-ended measurements on BB_IP output only, with other outputs BB_IN, BB_QP, and BB_QN terminated in
50Ω loads, unless otherwise noted. Data is corrected for 8.15dB of output matching-network loss and 3dB of differential loss, unless otherwise
noted.
Conversion Gain
Figure 142. Conversion Gain vs. RF Input Frequency at Various
Temperatures
Figure 143. Conversion Gain vs. RF Input Frequency at Various
Temperatures, Minimum Gain
Figure 144. Conversion Gain vs. RF Input Frequency at Various Gain Settings
Figure 145. Conversion Gain vs. RF Input Frequency at Various LO Powers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com