Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADMV1455BBCZ-R7 Datasheet(PDF) 91 Page - Analog Devices

Part # ADMV1455BBCZ-R7
Description  17.7GHz to 55GHz, Wideband, Microwave Downconverter
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMV1455BBCZ-R7 Datasheet(HTML) 91 Page - Analog Devices

Back Button ADMV1455BBCZ-R7 Datasheet HTML 87Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 88Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 89Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 90Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 91Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 92Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 93Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 94Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 95Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 141 page
background image
Data Sheet
ADMV1455
REGISTER SUMMARY
analog.com
Rev. 0 | 91 of 141
Table 27. ADMV1455 Register Summary (Continued)
Reg
Name
Bits
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reset
Access
0x808
REG0808
[7:0]
RESERVED
DSA5_OFFSET
0x00
R/W
0x809
REG0809
[7:0]
RESERVED
LO_PHASE_Q
0x00
R/W
0x80A
REG080A
[7:0]
RESERVED
LO_BAND
LO_PHASE_I
0x20
R/W
0x80B
REG080B
[7:0]
DSAQ_0P1DB
DSAI_0P1DB
0x00
R/W
0x80C
REG080C
[7:0]
LO_DOUBLER_BAND
0x00
R/W
0x900
REG0900
[7:0]
RF_
BAND_
SELECT_
LUT_A_0
IF_SUBBAND_LUT_A_0
LO_X1_FILTER_LUT_A_0
0x00
R/W
0x901
REG0901
[7:0]
LO_SIDE-
BAND_
LUT_A_0
RF_SUBBAND_
LUT_A_0
LO_X3_FILTER_LUT_A_0
0x80
R/W
0x902
REG0902
[7:0]
LPF_VALUE_LUT_A_0
LO_X4_FILTER_LUT_A_0
0x00
R/W
0x903
REG0903
[7:0]
LO_TRAP_FILTER_LUT_A_0[7:0]
0x00
R/W
0x904
REG0904
[7:0]
HPF_VALUE_LUT_A_0
BPF_COARSE_
LUT_A_0
LO_TRAP_FILTER_
LUT_A_0[9:8]
0x00
R/W
0x905
REG0905
[7:0]
RESERVED
GPO_F_LUT_A_0
0x00
R/W
0x906
REG0906
[7:0]
RESERVED
DSA2_OFFSET_
LUT_A_0
DSA1_OFFSET_LUT_A_0
0x00
R/W
0x907
REG0907
[7:0]
DSA4_OFFSET_LUT_A_0
DSA3_OFFSET_LUT_A_0
0x00
R/W
0x908
REG0908
[7:0]
RESERVED
DSA5_OFFSET_LUT_A_0
0x00
R/W
0x909
REG0909
[7:0]
RESERVED
LO_PHASE_Q_LUT_A_0
0x00
R/W
0x90A
REG090A
[7:0]
RESERVED
LO_
BAND_
LUT_A_0
LO_PHASE_I_LUT_A_0
0x20
R/W
0x90B
REG090B
[7:0]
DSAQ_0P1DB_LUT_A_0
DSAI_0P1DB_LUT_A_0
0x00
R/W
0x90C
REG090C
[7:0]
LO_DOUBLER_BAND_LUT_A_0
0x00
R/W
…
…
…
…
…
…
0xA93
REG0A93
[7:0]
RF_
BAND_
SELECT_
LUT_A_31
IF_SUBBAND_
LUT_A_31
LO_X1_FILTER_LUT_A_31
0x00
R/W
0xA94
REG0A94
[7:0]
LO_SIDE-
BAND_
LUT_A_31
RF_SUBBAND_
LUT_A_31
LO_X3_FILTER_LUT_A_31
0x00
R/W
0xA95
REG0A95
[7:0]
LPF_VALUE_LUT_A_31
LO_X4_FILTER_LUT_A_31
0x00
R/W
0xA96
REG0A96
[7:0]
LO_TRAP_FILTER_LUT_A_31[7:0]
0x00
R/W
0xA97
REG0A97
[7:0]
HPF_VALUE_LUT_A_31
BPF_COARSE_
LUT_A_31
LO_TRAP_FILTER_
LUT_A_31[9:8]
0x00
R/W
0xA98
REG0A98
[7:0]
RESERVED
GPO_F_LUT_A_31
0x00
R/W
0xA99
REG0A99
[7:0]
RESERVED
DSA2_OFFSET_
LUT_A_31
DSA1_OFFSET_LUT_A_31
0x00
R/W
0xA9A
REG0A9A
[7:0]
DSA4_OFFSET_LUT_A_31
DSA3_OFFSET_LUT_A_31
0x00
R/W
0xA9B
REG0A9B
[7:0]
RESERVED
DSA5_OFFSET_LUT_A_31
0x00
R/W
0xA9C
REG0A9C
[7:0]
RESERVED
LO_PHASE_Q_LUT_A_31
0x00
R/W
0xA9D
REG0A9D
[7:0]
RESERVED
LO_
BAND_
LUT_A_31
LO_PHASE_I_LUT_A_31
0x00
R/W
0xA9E
REG0A9E
[7:0]
DSAQ_0P1DB_LUT_A_31
DSAI_0P1DB_LUT_A_31
0x00
R/W
0xA9F
REG0A9F
[7:0]
LO_DOUBLER_BAND_LUT_A_31
0x00
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com