Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADMV1455BBCZ-R7 Datasheet(PDF) 66 Page - Analog Devices

Part # ADMV1455BBCZ-R7
Description  17.7GHz to 55GHz, Wideband, Microwave Downconverter
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMV1455BBCZ-R7 Datasheet(HTML) 66 Page - Analog Devices

Back Button ADMV1455BBCZ-R7 Datasheet HTML 62Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 63Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 64Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 65Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 66Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 67Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 68Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 69Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 70Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 141 page
background image
Data Sheet
ADMV1455
THEORY OF OPERATION
analog.com
Rev. 0 | 66 of 141
SPI
The ADMV1455 utilizes the SPI for communication to configure the
chip settings. The SPI can be implemented in either 3-wire or 4-wire
configurations, supports 1.8V logic levels, and SCLK frequencies
up to 125MHz.
The SPI consists of digital inputs and outputs. CHIP_ADD0,
CHIP_ADD1, SCLK, and CS are the digital inputs. SDIO is bidirec-
tional and can be an input or output, depending upon the type of
SPI operation being performed, and SDO is a digital output that
remains in a high impedance state unless a read operation is being
performed. CS is an active low digital input and must be asserted
low during a SPI instruction. Be sure to deasserted CS at the end of
a SPI instruction.
The chip address inputs, CHIP_ADD0 and CHIP_ADD1, can be
used in multichip systems to assign an address to a particular chip.
This feature allows up to four chips to share SCLK, SDIO, SDO,
and CS connections. To set a chip address input to 0, ground the
ball or add a 0Ω pull-down resistor. To set a chip address input
to 1, leave it floating, and the internal 15kΩ resistor will set it to
a logic level high. The assigned chip address modifies the SPI
Communications Frame Bits[21:20].
For single SPI instructions, the communications frame is 24-bits
wide and consists of a 16-bit header and 8 bits of data. The header
contains a R/W bit, a broadcast (BR) bit, two chip address bits, and
12 register address bits. Both the header and data are organized
MSB first and must be shifted in on SDIO with the chip sampling the
logic level on the rising edge of SCLK. See Figure 166 for the SPI
communications frame.
Set the R/W bit to 0 for a write operation and set the R/W to 1 for
a read operation. Set the BR bit to 0 for single chip SPI instructions
and set this bit to 1 to have all chips, regardless of their chip
address, respond to a SPI instruction. For read operations, the BR
bit must only be set to 0.
For a read operation when using a 3-wire SPI, the SDIO changes
from an input to an output after the last header SCLK rising edge.
The data is then shifted out on SDIO, with the logic level changing
on the falling edge of SCLK, so that it can be sampled on the next
rising edge of SCLK. When CS is deasserted, SDIO changes back
to a digital input.
For a read operation when using a 4-wire SPI, the SDO transitions
from a high impedance state to an active output, after the last
header SCLK rising edge. The data is then shifted out on SDO,
with the logic level changing on the falling edge of SCLK, so that
it can be sampled on the next rising edge of SCLK. When CS is
deasserted, SDO returns to a high impedance state.
The ADMV1455 supports SPI streaming that minimizes the SPI
instruction time. During a SPI streaming instruction, CS is asserted
low, a single 16-bit header instruction is given, followed by multiple
bytes of data, and then CS is deasserted to end the instruction.
Sequential register addresses are assumed in ascending or de-
scending order based on how Register 0x000, Bit 5 and Bit 2 are
set. Note that the default order is descending addresses.
If CS is deasserted during any header portion of a SPI instruction,
the operation is ignored. If CS is deasserted during a data portion
of a SPI instruction, then that data is ignored. For SPI streaming
operations, any complete bytes (8 bits) of data are accepted by the
chip, but a partial byte is ignored.
See the Timing Diagrams Overview section, the Power-Up and
Apply the Digital Inputs section, the Initialization SPI Instructions
section, the Chip Enable and Operation section, the Chip Disable
and Reset section, and the Chip Disable and Power-Down section
for additional timing information and refer to the ADI-SPI, Serial
Control Interface Standard (Rev 1.0) for more information on SPI
and communications protocol.
Figure 166. Single SPI Frame Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com