Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADMV1455BBCZ-R7 Datasheet(PDF) 18 Page - Analog Devices

Part # ADMV1455BBCZ-R7
Description  17.7GHz to 55GHz, Wideband, Microwave Downconverter
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMV1455BBCZ-R7 Datasheet(HTML) 18 Page - Analog Devices

Back Button ADMV1455BBCZ-R7 Datasheet HTML 14Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 15Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 16Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 17Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 18Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 19Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 20Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 21Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 141 page
background image
Data Sheet
ADMV1455
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
analog.com
Rev. 0 | 18 of 141
Table 17. Pin Function Descriptions (Continued)
Pin No.
Mnemonic
Description
K12
CS
SPI Chip Select. Active low, 1.8V logic. Bring CS low to begin a SPI transaction, see Figure 167 and
Figure 168 for more information.
L2
ADD_G0
Gain LUT Address Bit 0. Active high, 1.8V logic. No internal pull-up or pull-down resistance. Tie ADD_G0
to the logic output from a microcontroller or FPGA; do not float. If ADD_G0 is not used to set the LUT
address pointer, ground this ball.
L10
VDD_LO
LO Supply Voltage, 1.8V. Place 0.01μF and 1μF decoupling capacitors close to VDD_LO.
L11
VDD_BG
Band-Gap Reference Supply Voltage, 1.8V. Place 0.01μF and 1μF decoupling capacitors close to
VDD_BG. Ideally for proper NVM load operation, apply the VDD_BG voltage after all other supplies have
been turned on and RST has been set high. If this is not possible, as is the case if all supply voltages are
applied together, ensure to set RST high and run the NVM refresh commands.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com