Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADMV1455BBCZ-R7 Datasheet(PDF) 76 Page - Analog Devices

Part # ADMV1455BBCZ-R7
Description  17.7GHz to 55GHz, Wideband, Microwave Downconverter
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMV1455BBCZ-R7 Datasheet(HTML) 76 Page - Analog Devices

Back Button ADMV1455BBCZ-R7 Datasheet HTML 72Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 73Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 74Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 75Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 76Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 77Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 78Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 79Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 80Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 141 page
background image
Data Sheet
ADMV1455
THEORY OF OPERATION
analog.com
Rev. 0 | 76 of 141
DSA1
The ADMV1455 includes a wideband, standalone, digital step at-
tenuator, DSA1. This attenuator is intended for use in systems
where more dynamic range control is required at the expense of
the system noise figure. The device includes 15dB of attenuation
control, with steps of 1dB. The attenuation is proportional to the
value programmed.
When using the bypass registers (Register 0x28A set to 1), use
Register 0x28B, Bits[3:0] to set the DSA1 state. When not using
the bypass registers (Register 0x28A set to 0), use Register 0x600,
Bits[3:0] to set the DSA1 state.
To use DSA1, the output of the previous stage in a system line
up must be connected to DSA_IN and, then, DSA_OUT must be
connected to RF_IN through a short PCB trace. If DSA1 is not
used, both DSA_IN and DSA_OUT can be left floating.
RF SIGNAL CHAINS
The RF_IN ball of the ADMV1455 is connected directly to a LNA,
followed by two switch selectable, wideband, RF signal chains. The
low band, RF signal chain operates from 17.7GHz to 34GHz, and
the high band, RF signal chain operates from 30GHz to 55GHz.
Each signal chain includes multiple DSAs and tunable filters. Figure
175 shows the RF signal chains. Note that the RF signal chains
output (RF_C) is fed into the I/Q mixer.
To select the low band, RF signal chain, set Register 0x800, Bit
7, to 0 and set Register 0x801, Bits [6:5] both to 0. To select the
high band, RF signal chain, set Register 0x800, Bit 7, to 1 and set
Register 0x801, Bits[6:5] both to 1.
Figure 175. RF Signal Chain Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com