Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADMV1455BBCZ-R7 Datasheet(PDF) 96 Page - Analog Devices

Part # ADMV1455BBCZ-R7
Description  17.7GHz to 55GHz, Wideband, Microwave Downconverter
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMV1455BBCZ-R7 Datasheet(HTML) 96 Page - Analog Devices

Back Button ADMV1455BBCZ-R7 Datasheet HTML 92Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 93Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 94Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 95Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 96Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 97Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 98Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 99Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 100Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 141 page
background image
Data Sheet
ADMV1455
REGISTER DETAILS
analog.com
Rev. 0 | 96 of 141
Table 34. Bit Descriptions for REG0043
Bits
Bit Name
Description
Reset
Access
[7:1]
RESERVED
Reserved.
0x0
R
0
ADC_CLK_EN
ADC Clock Enable.
0x0
R/W
0: Disable.
1: Enable.
Address: 0x051, Reset: 0x00, Name: REG0051
Figure 185.
Table 35. Bit Descriptions for REG0051
Bits
Bit Name
Description
Reset
Access
7
MANUAL_ADC_MODE_EN
Manual ADC Mode Enable.
0x0
R/W
0: Automatic.
1: Manual.
6
MANUAL_ADC_EN
ADC Enable. This bit is used in manual mode. In automatic mode, it is not required because the ADC is
always enabled.
0x0
R/W
0: Disable.
1: Enable.
5
RESERVED
Reserved.
0x0
R/W
[4:0]
MANUAL_ADC_MUX_SEL
ADC Mux Select.
0x0
R/W
0: Read Temperature Sensor.
1: Read Power Detector.
Address: 0x052, Reset: 0x00, Name: REG0052
Figure 186.
Table 36. Bit Descriptions for REG0052
Bits
Bit Name
Description
Reset
Access
[7:6]
RESERVED
Reserved.
0x0
R
5
DETECTOR_SAMPLING_TRIG
Detector Sampling Mode in Automatic Mode.
0x0
R/W
0: Only the temperature reading is captured.
1: Detector and temperature readings are captured.
4
DIGITAL_FILTER_RESET
Digital Filter Reset.
0x0
R/W
0: To Disable Reset.
1: To Reset with the Next Rising Edge of DETECTOR_SAMPLING_TRIG.
3
ADC_RESET
ADC Reset.
0x0
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com