Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADMV1455BBCZ-R7 Datasheet(PDF) 11 Page - Analog Devices

Part # ADMV1455BBCZ-R7
Description  17.7GHz to 55GHz, Wideband, Microwave Downconverter
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMV1455BBCZ-R7 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADMV1455BBCZ-R7 Datasheet HTML 7Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 8Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 9Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 10Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 11Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 12Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 13Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 14Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 141 page
background image
Data Sheet
ADMV1455
ABSOLUTE MAXIMUM RATINGS
analog.com
Rev. 0 | 11 of 141
Table 9. Absolute Maximum Ratings for 10 Year Lifetime
Parameter
Rating
Supply Voltage
2.5V Supply
2.75V
1.8V Supply
2V
Digital Input and Output Voltages
1.8V Supply
2V
LO Input Power
0dBm
RF Input Power1
See Table 10, Table 11, Table 12, and
Table 13 for additional information
Temperature
Maximum Junction (TJ)
125°C
Maximum Storage Range
−65°C to +150°C
Operating TC Range
−40°C to +95°C
Maximum Power Dissipation
1.4W
Moisture Sensitivity Level (MSL) Rating2 MSL3
1 The RF input power rating assumes a peak to average ratio of 10dB.
2 Based on IPC/JEDEC J-STD-20 MSL classifications.
Table 10. RF Input Power Ratings, IF Mode, 10 Year Lifetime
Parameter
RF Band
Low (dBm)
High (dBm)
CEN = Low
RF_IN
+4
+4
DSA_IN at DSA1 ≤ 13
+8 + DSA1 Value
+8 + DSA1 Value
DSA_IN at DSA1 ≥ 14
+22
+22
CEN = High
RF_IN for All DSAs Combined
At Maximum Gain
−41
−34
At Minimum Gain
−9
−9
RF_IN for Each DSA Set to Its
Maximum Attenuation
DSA2
−35
−28
DSA3
−26
−19
DSA4
−26
−19
DSA5
−26
−19
DSA_IN for All DSAs Combined
At Maximum Gain
−37
−30
At Minimum Gain
−5
−5
DSA_IN for Each DSA Set to Its
Maximum Attenuation
DSA1
−22
−15
DSA2
−32
−24
DSA3
−22
−15
DSA4
−22
−15
DSA5
−22
−15
Table 11. RF Input Power Ratings, I/Q Baseband Mode, 10 Year Lifetime
Parameter
RF Band
Low (dBm)
High (dBm)
CEN = Low
RF_IN
+4
+4
DSA_IN at DSA1 ≤ 13
+8 + DSA1 Value
+8 + DSA1 Value
DSA_IN at DSA1 ≥ 14
+22
+22
CEN = High
RF_IN for All DSAs Combined
At Maximum Gain
−26
−16
At Minimum Gain
−9
−9
RF_IN for Each DSA Set to Its
Maximum Attenuation
DSA2
−21
−11
DSA3
−21
−11
DSA_IN for All DSAs Combined
At Maximum Gain
−22
−12
At Minimum Gain
−5
−5
DSA_IN for Each DSA Set to Its
Maximum Attenuation
DSA1
−7
−2
DSA2
−17
−7
DSA3
−17
−7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com