Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADMV1455BBCZ-R7 Datasheet(PDF) 79 Page - Analog Devices

Part # ADMV1455BBCZ-R7
Description  17.7GHz to 55GHz, Wideband, Microwave Downconverter
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMV1455BBCZ-R7 Datasheet(HTML) 79 Page - Analog Devices

Back Button ADMV1455BBCZ-R7 Datasheet HTML 75Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 76Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 77Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 78Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 79Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 80Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 81Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 82Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 83Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 141 page
background image
Data Sheet
ADMV1455
THEORY OF OPERATION
analog.com
Rev. 0 | 79 of 141
I/Q BASEBAND GAIN SELECTION
The baseband amplifiers include two gain selection bits from Reg-
ister 0x194. Select the high gain setting for 50Ω differential load
impedance operating from DC to 8GHz, and select the low gain
setting for 100Ω differential load impedance operating from DC to
4GHz. For high gain selection, set the register to 3, and for low
gain selection, set the register to 0. The delta gain between the two
states is typically 6dB.
I/Q BASEBAND COMMON-MODE VOLTAGE
(VOCM)
The are two ways to set the I/Q baseband output VOCM, one is
through an internally generated voltage that is adjustable via the
SPI, and the other is through the CM_REF input. The acceptable
VOCM range is from 0.8V to 1.1V when the VDD_BB is 1.8V, and
this range can be extended to 1.5V when the VDD_BB voltage is
2.5V.
Set Register 0x18A, Bit 0, to 1 to use the internally generated
VOCM and set it to 0 when applying an external voltage to the
CM_REF ball. Ensure to include a shunt 0.01μF capacitor between
the CM_REF ball and ground when applying the external voltage.
When using the internally generated VOCM to adjust the voltage
on the BB_IP and BB_IN balls, use Register 0x15C, Bits[4:0]. For
adjusting the voltage of the BB_QP and BB_QN balls, use Register
0x165, Bits[4:0]. Figure 165 shows the typical VOCM vs. the VOCM
settings. Regardless of the VDD_BB supply setting, 1.8V or 2.5V,
the initial linear slope in the plot remains the same (for register
settings less than 14).
I/Q BASEBAND DC OFFSETS
Offset DC voltages can be introduced to each I/Q baseband output.
The offsets are controlled by eight registers, Register 0x18C to
Register 0x193. Each register has a bitfield that is 6-bits wide, with
approximately a 1.45mV step size, a 92mV range, and is across 64
states.
The eight registers are grouped into pairs, with the first register in
a pair setting the offset value and direction (positive or negative)
applied to the positive output ball, and then the second register in
a pair setting the opposite offset value and direction to the negative
output ball. Within a pair, the second register value must be set to
63 minus the value programmed into the first register.
The register pairs help maintain an average common-mode volt-
age between BB_IP and BB_IN, as well as between BB_QP and
BB_QN. For example, Register 0x18C introduces a positive offset
to the BB_IP ball, and Register 0x18D introduces a negative offset
to the BB_IN ball.
Only use a single register pair for BB_IP and BB_IN at a time.
Similarly, only use a single register pair for BB_QP and BB_QN
at a time. The unused register pairs must retain their default
register values. Refer to Table 23 for details on the registers, the
corresponding output ball, as well as the offset direction.
Table 23. I/Q Baseband DC Offset Register Pairs
Pair
Register
Bits Output Offset Direction
Value
1
0x18C
[5:0] BB_IP
Positive
User determined
0x18D
[5:0] BB_IN
Negative
63, Register 0x18C,
Bits[5:0]
2
0x18E
[5:0] BB_IP
Negative
User determined
0x18F
[5:0] BB_IN
Positive
63, Register 0x18E,
Bits[5:0]
3
0x190
[5:0] BB_QP Positive
User determined
0x191
[5:0] BB_QN Negative
63, Register 0x190,
Bits[5:0]
4
0x192
[5:0] BB_QP Negative
User determined
0x193
[5:0] BB_QN Positive
63, Register 0x192,
Bits[5:0]
IF SIGNAL CHAIN
The IF signal of the ADMV1455 supports frequencies from 2GHz
to 12GHz and consists of a 90° hybrid with fine adjust attenuators,
a tunable BPF with 4GHz of bandwidth, and two 15dB DSAs.
The IF_I and IF_Q quadrature outputs from the mixer feed into
two fine adjust attenuators that are then fed into the 90° hybrid.
The single-ended 90° hybrid output then drives the IF BPF, which
subsequently drives the DSAs. See Figure 177 for the IF signal
chain.
To use the IF signal chain, set Register 0x184 to 1. Power down the
baseband amplifiers by setting Register 0x107, Bits[3:0] to 1.
The IF signal chain output is internally DC-coupled with a 50Ω
single-ended impedance. When the IF signal chain is not used, the
IF ball can be left floating.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com