Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADMV1455BBCZ-R7 Datasheet(PDF) 89 Page - Analog Devices

Part # ADMV1455BBCZ-R7
Description  17.7GHz to 55GHz, Wideband, Microwave Downconverter
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMV1455BBCZ-R7 Datasheet(HTML) 89 Page - Analog Devices

Back Button ADMV1455BBCZ-R7 Datasheet HTML 85Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 86Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 87Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 88Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 89Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 90Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 91Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 92Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 93Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 141 page
background image
Data Sheet
ADMV1455
REGISTER SUMMARY
analog.com
Rev. 0 | 89 of 141
Table 27. ADMV1455 Register Summary (Continued)
Reg
Name
Bits
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reset
Access
0x20A
REG020A
[7:0]
RESERVED
FILTER_
SM_
WRAP
FILTER_SM_START
0x00
R/W
0x210
REG0210
[7:0]
RESERVED
FILTER_ADD_F_READBACK
0x00
R
0x211
REG0211
[7:0]
FILTER_LUT_OUTPUT[7:0]
0x00
R
0x212
REG0212
[7:0]
FILTER_LUT_OUTPUT[15:8]
0x00
R
0x213
REG0213
[7:0]
FILTER_LUT_OUTPUT[23:16]
0x00
R
0x214
REG0214
[7:0]
FILTER_LUT_OUTPUT[31:24]
0x00
R
0x215
REG0215
[7:0]
FILTER_LUT_OUTPUT[39:32]
0x00
R
0x216
REG0216
[7:0]
FILTER_LUT_OUTPUT[47:40]
0x00
R
0x217
REG0217
[7:0]
FILTER_LUT_OUTPUT[55:48]
0x00
R
0x218
REG0218
[7:0]
FILTER_LUT_OUTPUT[63:56]
0x00
R
0x219
REG0219
[7:0]
FILTER_LUT_OUTPUT[71:64]
0x00
R
0x21A
REG021A
[7:0]
FILTER_LUT_OUTPUT[79:72]
0x00
R
0x21B
REG021B
[7:0]
FILTER_LUT_OUTPUT[87:80]
0x00
R
0x21C
REG021C
[7:0]
FILTER_LUT_OUTPUT[95:88]
0x00
R
0x21D
REG021D
[7:0]
FILTER_LUT_OUTPUT[103:96]
0x00
R
0x220
REG0220
[7:0]
FILTER_READBACK[7:0]
0x00
R
0x221
REG0221
[7:0]
FILTER_READBACK[15:8]
0x00
R
0x222
REG0222
[7:0]
FILTER_READBACK[23:16]
0x00
R
0x223
REG0223
[7:0]
FILTER_READBACK[31:24]
0x00
R
0x224
REG0224
[7:0]
FILTER_READBACK[39:32]
0x00
R
0x225
REG0225
[7:0]
FILTER_READBACK[47:40]
0x00
R
0x226
REG0226
[7:0]
FILTER_READBACK[55:48]
0x00
R
0x227
REG0227
[7:0]
FILTER_READBACK[63:56]
0x00
R
0x228
REG0228
[7:0]
FILTER_READBACK[71:64]
0x00
R
0x229
REG0229
[7:0]
FILTER_READBACK[79:72]
0x00
R
0x22A
REG022A
[7:0]
FILTER_READBACK[87:80]
0x00
R
0x22B
REG022B
[7:0]
FILTER_READBACK[95:88]
0x00
R
0x22C
REG022C
[7:0]
FILTER_READBACK[103:96]
0x00
R
0x240
REG0240
[7:0]
FILTER_LUT_POINTER
0x00
R
0x281
REG0281
[7:0]
RESERVED
GAIN_
LOAD_EN
0x00
R/W
0x282
REG0282
[7:0]
RE-
SERVED
GAIN_SPI_POINTER
0x00
R/W
0x283
REG0283
[7:0]
GAIN_SM_STEP
0x01
R/W
0x284
REG0284
[7:0]
GAIN_SM_OFFSET
0x00
R/W
0x285
REG0285
[7:0]
RESERVED
GAIN_
LUT_EN
0x01
R/W
0x286
REG0286
[7:0]
RESERVED
GAIN_LUT_MODE
0x00
R/W
0x287
REG0287
[7:0]
RESERVED
GAIN_
SM_
RESET
0x01
R/W
0x288
REG0288
[7:0]
GAIN_SM_POINTER_PLUS_OFFSET
0x00
R
0x289
REG0289
[7:0]
RE-
SERVED
GAIN_SM_STOP
0x42
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com