Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADMV1455BBCZ-R7 Datasheet(PDF) 94 Page - Analog Devices

Part # ADMV1455BBCZ-R7
Description  17.7GHz to 55GHz, Wideband, Microwave Downconverter
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMV1455BBCZ-R7 Datasheet(HTML) 94 Page - Analog Devices

Back Button ADMV1455BBCZ-R7 Datasheet HTML 90Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 91Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 92Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 93Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 94Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 95Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 96Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 97Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 98Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 141 page
background image
Data Sheet
ADMV1455
REGISTER DETAILS
analog.com
Rev. 0 | 94 of 141
REGISTER 0X000 TO REGISTER 0X0A1
Address: 0x000, Reset: 0x00, Name: REG0000
Figure 178.
Table 28. Bit Descriptions for REG0000
Bits
Bit Name
Description
Reset
Access
7
SOFT_RESET_R
Soft Reset. This bit field self resets to zero; no need to set to zero after initiating a reset.
0x0
R/W
0: Reset Not Asserted.
1: Reset Asserted.
6
LSB_FIRST_R
LSB First Setting.
0x0
R/W
0: MSB First.
1: LSB First.
5
ADDR_ASCN_R
Stream Address Ascending.
0x0
R/W
0: Disable.
1: Enable.
4
SDO_ACTIVE_R
SDO Active.
0x0
R/W
0: Enable 3-wire SPI.
1: Enable 4-wire SPI.
3
SDO_ACTIVE
SDO Active.
0x0
R/W
0: Enable 3-wire SPI.
1: Enable 4-wire SPI.
2
ADDR_ASCN
Stream Address Ascending.
0x0
R/W
0: Disable.
1: Enable.
1
LSB_FIRST
LSB First Setting.
0x0
R/W
0: MSB First.
1: LSB First.
0
SOFT_RESET
Soft Reset. This bit field self resets to zero; no need to set to zero after initiating a reset.
0x0
R/W
0: Reset Not Asserted.
1: Reset Asserted.
Address: 0x004, Reset: 0x66, Name: REG0004
Figure 179.
Table 29. Bit Descriptions for REG0004
Bits
Bit Name
Description
Reset
Access
[7:0]
PRODUCT_ID[7:0]
Product ID.
0x66
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com