Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADMV1455BBCZ-R7 Datasheet(PDF) 78 Page - Analog Devices

Part # ADMV1455BBCZ-R7
Description  17.7GHz to 55GHz, Wideband, Microwave Downconverter
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMV1455BBCZ-R7 Datasheet(HTML) 78 Page - Analog Devices

Back Button ADMV1455BBCZ-R7 Datasheet HTML 74Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 75Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 76Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 77Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 78Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 79Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 80Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 81Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 82Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 141 page
background image
Data Sheet
ADMV1455
THEORY OF OPERATION
analog.com
Rev. 0 | 78 of 141
MIXER OVERVIEW
The ADMV1455 contains an image rejection down converting I/Q
mixer with excellent linearity and noise figure. The necessary LO
signals, 2×LO_I and 2×LO_Q, to drive the mixer come from the
LO signal chain. The output from the RF signal chains, RF_C,
also feeds into the mixer. The mixer supports RF and LO input
frequencies up to 55GHz. The quadrature outputs of the mixer,
IF_I and IF_Q, are then used to drive the IF signal chain and I/Q
baseband signal chain. Figure 176 shows the mixer.
The mixer contains a gate selection bit field in Register 0x17D. For
I/Q baseband mode, set this register to 0, and for IF mode, set this
register to 1.
Figure 176. Mixer Diagram
MIXER SIDEBAND SELECTION
The ADMV1455 mixer sideband can be selected by swapping the
mixer LO inputs, 2×LO_I and 2×LO_Q. To swap these inputs, use
Register 0x801, Bit 7. Set this bit to 0 for the upper sideband, which
is for cases where the RF frequency > the 2×LO frequency. Set this
bit to 1 for the lower sideband, which is for cases where the RF
frequency < the 2×LO frequency.
I/Q BASEBAND SIGNAL CHAINS
The I/Q baseband signal chains of the ADMV1455 support frequen-
cies from DC to 8GHz and consist of baseband amplifiers. The
baseband amplifiers include VOCM adjustment and DC offset correc-
tions. Figure 177 shows the I/Q baseband signal chains.
To use the I/Q baseband signal chains, set Register 0x184 to 0. Set
Register 0x107, Bits[3:0] to 0 to power up the baseband amplifiers.
If not using the I/Q baseband signal chains, set Register 0x107,
Bits[3:0], to 1 to power down the baseband amplifiers.
The I/Q baseband outputs are internally DC-coupled with a 75Ω
differential output impedance, which allows the outputs to interface
with either 50Ω or 100Ω differential load impedance. When these
outputs are not used, they can be left floating.
Figure 177. IF and I/Q Baseband Signal Chains



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com