Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADMV1455BBCZ-R7 Datasheet(PDF) 69 Page - Analog Devices

Part # ADMV1455BBCZ-R7
Description  17.7GHz to 55GHz, Wideband, Microwave Downconverter
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMV1455BBCZ-R7 Datasheet(HTML) 69 Page - Analog Devices

Back Button ADMV1455BBCZ-R7 Datasheet HTML 65Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 66Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 67Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 68Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 69Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 70Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 71Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 72Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 73Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 141 page
background image
Data Sheet
ADMV1455
THEORY OF OPERATION
analog.com
Rev. 0 | 69 of 141
Chip Disable and Reset
When it is desired to either disable the chip or reset the chip, follow
Figure 169 starting at tCONTINUE. Wait a minimum of t22 from the last
SPI instruction before disabling the chip by setting the CEN input
low at tDISABLE.
After setting the CEN input low, wait a minimum of t23 to allow the
RF portions of the chip to power down. The RST input can then be
set low for a minimum of t24 before the RST input can be set high
again. Wait a minimum of t3 before looping back to tINITIALIZE, which
is shown in Figure 167.
Figure 169. Chip Disable and Reset Timing Diagram
Chip Disable and Power-Down
When it is desired to disable and power down the chip, follow
Figure 170 starting at tCONTINUE. Wait a minimum of t22 from the last
SPI instruction before disabling the chip by setting the CEN input
low at tDISABLE.
After setting the CEN input low, wait a minimum of t25 to allow
the RF portions of the chip to power down before starting the
chip power down at tPOWER-DOWN. At tPOWER-DOWN, all other logic
inputs must be set low with a fall time of t26, and the power supply
voltages can be turned off with a fall time of t27. Ideally, the logic
inputs are removed prior to the power supply ramp down, but they
can occur simultaneously provided that the logic inputs fall time
does not exceed the t26 maximum time. Note that the time units for
t26 are in microseconds, and the time units for t27 are milliseconds.
Figure 170. Chip Disable and Power-Down Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com