Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADMV1455BBCZ-R7 Datasheet(PDF) 53 Page - Analog Devices

Part # ADMV1455BBCZ-R7
Description  17.7GHz to 55GHz, Wideband, Microwave Downconverter
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMV1455BBCZ-R7 Datasheet(HTML) 53 Page - Analog Devices

Back Button ADMV1455BBCZ-R7 Datasheet HTML 49Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 50Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 51Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 52Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 53Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 54Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 55Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 56Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 57Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 141 page
background image
Data Sheet
ADMV1455
TYPICAL PERFORMANCE CHARACTERISTICS
analog.com
Rev. 0 | 53 of 141
Figure 127. Conversion Gain vs. RF Input Frequency at Various LO Powers
Figure 128. Conversion Gain vs. RF Input Frequency at Various Supply
Voltages
Figure 129. Conversion Gain vs. RF Input Frequency, Upper Sideband and
Lower Sideband
Figure 130. Conversion Gain vs. Baseband Output Frequency at Various
Temperatures
Figure 131. Conversion Gain vs. Baseband Output Frequency at Various
Gain Settings
Figure 132. Conversion Gain vs. Baseband Output Frequency at Various
Common-Mode Voltage Settings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com