Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADMV1455BBCZ-R7 Datasheet(PDF) 75 Page - Analog Devices

Part # ADMV1455BBCZ-R7
Description  17.7GHz to 55GHz, Wideband, Microwave Downconverter
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMV1455BBCZ-R7 Datasheet(HTML) 75 Page - Analog Devices

Back Button ADMV1455BBCZ-R7 Datasheet HTML 71Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 72Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 73Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 74Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 75Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 76Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 77Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 78Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 79Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 141 page
background image
Data Sheet
ADMV1455
THEORY OF OPERATION
analog.com
Rev. 0 | 75 of 141
LO TUNABLE FILTERS
The LO tunable filters are set using Register 0x800, Register
0x801, Register 0x802, Register 0x803, Register 0x804, and Regis-
ter 0x80C. See Table 21 for guidance on setting these filters based
upon the LO input frequency.
For wideband applications, where the LO input frequency is contin-
uously changing, it can be beneficial to set the LO tunable filters
for wideband operation. Setting the filters to wideband operation
allows the mixer to be driven with healthy input power level, at the
expense of spurious mixer products. See Table 22 for guidance on
setting these filters based upon the wideband LO input frequencies.
Table 21. LO Tunable Filter Narrow-Band Recommended Settings
LO Frequency
1×LO
3×LO
4×LO
LO Trap
LO Band
LO Doubler
Register 0x800,
Bits[4:0]
Register 0x801,
Bits[4:0]
Register 0x802,
Bits[3:0]
Register 0x803,
Bits[7:0]
Register 0x804,
Bits[1:0]
Register 0x80A,
Bit 5
Register 0x80C,
Bits[7:0]
Minimum
Maximum
8.85
9.99
0x1F
0x1C
0x08
0x18
0x03
0x00
0x1F
10
11.99
0x1F
0x1C
0x00
0x18
0x03
0x00
0x1D
12
12.49
0x0A
0x07
0x00
0xAA
0x03
0x00
0x04
12.5
12.99
0x0A
0x07
0x00
0xAA
0x03
0x00
0x04
13
13.99
0x0A
0x07
0x00
0xAA
0x03
0x01
0x04
14
14.49
0x0A
0x07
0x05
0xAA
0x03
0x01
0x08
14.5
14.99
0x0A
0x07
0x05
0xA3
0x01
0x01
0x08
15
16.99
0x05
0x05
0x05
0xA3
0x01
0x01
0x08
17
17.99
0x01
0x04
0x05
0xA3
0x01
0x01
0x08
18
18.49
0x01
0x04
0x07
0xA3
0x01
0x01
0x80
18.5
18.99
0x01
0x04
0x07
0xA7
0x01
0x01
0x80
19
20.99
0x01
0x03
0x07
0xA7
0x01
0x01
0x80
21
23.99
0x00
0x02
0x07
0xE7
0x01
0x01
0x80
24
27.5
0x00
0x00
0x07
0xE7
0x01
0x01
0xC0
Table 22. LO Tunable Filter Wideband Recommended Settings
LO Frequency
1×LO
3×LO
4×LO
LO Trap
LO Band
LO Doubler
Register 0x800,
Bits[4:0]
Register 0x801,
Bits[4:0]
Register 0x802,
Bits[3:0]
Register 0x803,
Bits[7:0]
Register 0x804,
Bits[1:0]
Register 0x80A,
Bit 5
Register 0x80C,
Bits[7:0]
Minimum
Maximum
8.85
12.99
0x1F
0x00
0x05
0x18
0x03
0x00
0x08
13
27.5
0x1F
0x00
0x05
0xA7
0x01
0x01
0x80



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com