Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADMV1455BBCZ-R7 Datasheet(PDF) 90 Page - Analog Devices

Part # ADMV1455BBCZ-R7
Description  17.7GHz to 55GHz, Wideband, Microwave Downconverter
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMV1455BBCZ-R7 Datasheet(HTML) 90 Page - Analog Devices

Back Button ADMV1455BBCZ-R7 Datasheet HTML 86Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 87Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 88Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 89Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 90Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 91Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 92Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 93Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 94Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 141 page
background image
Data Sheet
ADMV1455
REGISTER SUMMARY
analog.com
Rev. 0 | 90 of 141
Table 27. ADMV1455 Register Summary (Continued)
Reg
Name
Bits
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reset
Access
0x28A
REG028A
[7:0]
RESERVED
GAIN_
LUT_
BYPASS_
EN
0x00
R/W
0x28B
REG028B
[7:0]
RESERVED
DSA2_
BYPASS_
VALUE
DSA1_BYPASS_VALUE
0x00
R/W
0x28C
REG028C
[7:0]
DSA4_BYPASS_VALUE
DSA3_BYPASS_VALUE
0x00
R/W
0x28D
REG028D
[7:0]
RESERVED
DSA5_BYPASS_VALUE
0x00
R/W
0x28E
REG028E
[7:0]
RESERVED
GPO_G_BYPASS
0x00
R/W
0x28F
REG028F
[7:0]
RESERVED
GAIN_LUT_OUTPUT[4:0]
0x00
R
0x290
REG0290
[7:0]
GAIN_LUT_OUTPUT[12:5]
0x00
R
0x291
REG0291
[7:0]
RESERVED
GAIN_LUT_OUTPUT[16:13]
0x00
R
0x292
REG0292
[7:0]
RESERVED
GAIN_LUT_OUTPUT[21:17]
0x00
R
0x293
REG0293
[7:0]
RESERVED
GAIN_READBACK[4:0]
0x00
R
0x294
REG0294
[7:0]
GAIN_READBACK[12:5]
0x00
R
0x295
REG0295
[7:0]
RESERVED
GAIN_READBACK[16:13]
0x00
R
0x296
REG0296
[7:0]
RESERVED
GAIN_READBACK[21:17]
0x00
R
0x298
REG0298
[7:0]
GAIN_LUT_POINTER
0x00
R
0x29B
REG029B
[7:0]
GAIN_SM_POINTER_PRE_OFFSET
0x00
R
0x2A0
REG02A0
[7:0]
RESERVED
LPF_
SELECT
LPF_BYPASS_VALUE
0x00
R/W
0x2A1
REG02A1
[7:0]
HPF_
SELECT
RE-
SERVED
HPF_BYPASS_VALUE
0x00
R/W
0x2A2
REG02A2
[7:0]
RESERVED
BPF_
SELECT
BPF_FINE
0x00
R/W
0x2A3
REG02A3
[7:0]
RESERVED
LPF_READBACK
0x00
R
0x2A4
REG02A4
[7:0]
RESERVED
HPF_READBACK
0x00
R
0x2A5
REG02A5
[7:0]
RESERVED
BPF_READBACK
0x00
R
0x2B0
REG02B0
[7:0]
RESERVED
GAIN_ADD_G_READBACK
0x00
R
0x600
REG0600
[7:0]
RESERVED
RF_
DSA2_
GAIN
RF_DSA1_GAIN
0x00
R/W
0x601
REG0601
[7:0]
IF_DSA4_GAIN
RF_DSA3_GAIN
0x00
R/W
0x602
REG0602
[7:0]
RESERVED
IF_DSA5_GAIN
0x00
R/W
0x603
REG0603
[7:0]
RESERVED
GPO_G
0x00
R/W
0x780
REG0780
[7:0]
GPO_G_OE[1:0]
GPO_F_OE
0x00
R/W
0x781
REG0781
[7:0]
RESERVED
GPO_G_OE[4:2]
0x00
R/W
0x800
REG0800
[7:0]
RF_
BAND_
SELECT
IF_SUBBAND
LO_X1_FILTER
0x00
R/W
0x801
REG0801
[7:0]
LO_SIDE-
BAND
RF_SUBBAND
LO_X3_FILTER
0x80
R/W
0x802
REG0802
[7:0]
LPF_VALUE
LO_X4_FILTER
0x00
R/W
0x803
REG0803
[7:0]
LO_TRAP_FILTER[7:0]
0x00
R/W
0x804
REG0804
[7:0]
HPF_VALUE
BPF_COARSE
LO_TRAP_FILTER[9:8] 0x00
R/W
0x805
REG0805
[7:0]
RESERVED
GPO_F
0x00
R/W
0x806
REG0806
[7:0]
RESERVED
DSA2_OFFSET
DSA1_OFFSET
0x00
R/W
0x807
REG0807
[7:0]
DSA4_OFFSET
DSA3_OFFSET
0x00
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com