Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADMV1455BBCZ-R7 Datasheet(PDF) 74 Page - Analog Devices

Part # ADMV1455BBCZ-R7
Description  17.7GHz to 55GHz, Wideband, Microwave Downconverter
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMV1455BBCZ-R7 Datasheet(HTML) 74 Page - Analog Devices

Back Button ADMV1455BBCZ-R7 Datasheet HTML 70Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 71Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 72Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 73Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 74Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 75Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 76Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 77Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 78Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 141 page
background image
Data Sheet
ADMV1455
THEORY OF OPERATION
analog.com
Rev. 0 | 74 of 141
GENERAL-PURPOSE OUTPUTS
The ADMV1455 includes 11 genera- purpose outputs that can be
used to set logic levels of other components within a system, such
as standalone tunable filters or standalone DSAs. These outputs
support 1.8V logic levels and can be defined by either the SPI or by
the LUTs.
Before using any of the general-purpose outputs, it is necessary
to set the output enable bit to 1 for that output by using Register
0x780 and Register 0x781. The output state, logic high or logic low,
is then determined by the values programmed into Register 0x603
and Register 0x805. Refer to Table 20 table for more details.
Table 20. GPO Registers
Output
Output Enable
Output State
Register
Bit
Register
Bit
GPO_F0
0x780
0
0x805
0
GPO_F1
0x780
1
0x805
1
GPO_F2
0x780
2
0x805
2
GPO_F3
0x780
3
0x805
3
GPO_F4
0x780
4
0x805
4
GPO_F5
0x780
5
0x805
5
GPO_G0
0x780
6
0x603
0
GPO_G1
0x780
7
0x603
1
GPO_G2
0x781
0
0x603
2
GPO_G3
0x781
1
0x603
3
GPO_G4
0x781
2
0x603
4
RF CONNECTIONS
The RF connections of the ADMV1455 are considered DC-cou-
pled. If a DC voltage is present on the connections from other
components within the system, it is recommended to place DC
blocking capacitors in series with these pins. The DC blocking
capacitors must be selected based on the operating frequency of
the filter. Generally, a value greater than 100pF is sufficient to
minimize insertion loss at the lower frequencies of operation. At
higher frequencies of operation, it may be necessary to consider
the parasitic elements of the selected capacitor. Figure 173 shows
a general model of a capacitor with the parasitic elements. The
parasitic series inductance (LESL) is typically of most concern given
that its impedance can become dominant at frequencies of more
than 10GHz. The other parasitic elements, including the leakage
resistance (RL), dielectric absorption resistance (RDA), dielectric ab-
sorption capacitance (CDA), and electrical series resistance (RESR)
are less critical elements for consideration but are shown here for
completeness.
Figure 173. General Model of a Capacitor
LO SIGNAL CHAIN
The LO signal chain of the ADMV1455 accepts an input signal
from the LO ball. The LO input signal is buffered with an amplifier,
doubled using a 2× multiplier, before being fed into tunable filters,
a wideband 90° hybrid, and two adjustable phase shifters. Figure
174 shows the LO signal chain. The LO signal chain is specified to
operate with input frequencies from 8.85GHz to 27.5GHz.
Figure 174. LO Chain Diagram
For input frequencies less than 25GHz, the specified input pow-
er levels are from −7dBm to −3dBm. Functional, but degraded
performance, is possible with input power levels from −10dBm to
−7dBm and from −3dBm to 0dBm.
For input frequencies greater than or equal to 25GHz, the specified
input levels are from −3dBm to 0dBm. Functional, but degraded
performance, is possible with input power levels from −10dBm to
−3dBm.
Minimize the harmonic content of the LO input signal to prevent
unwanted spurious mixer products. It is recommended to keep all
LO input harmonic signals −40dBc less than the fundamental LO
signal.
To help reduce spurious mixer products, the LO tunable filters are
used to optimize any LO harmonic content that may be present
after the 2× multiplier. Refer to the LO Tunable Filters section for
more recommendations on setting these tunable filters.
The wideband 90° hybrid and adjustable phase shifters generate
the necessary mixer LO signals, 2×LO_I and 2×LO_Q. The mixer
LO signals operate from 17.7GHz to 55GHz. The adjustable phase
shifters allow for trimming the quadrature phase of the mixer LO
signals, which can be used in conjunction with the fine adjust
attenuators, DSAI and DSAQ, to optimize the image rejection
capability of the ADMV1455. Refer to Image Rejection Optimization
section for more information on how to perform this optimization.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com