Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADMV1455BBCZ-R7 Datasheet(PDF) 10 Page - Analog Devices

Part # ADMV1455BBCZ-R7
Description  17.7GHz to 55GHz, Wideband, Microwave Downconverter
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMV1455BBCZ-R7 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADMV1455BBCZ-R7 Datasheet HTML 6Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 7Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 8Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 9Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 10Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 11Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 12Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 13Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 141 page
background image
Data Sheet
ADMV1455
SPECIFICATIONS
analog.com
Rev. 0 | 10 of 141
TIMING SPECIFICATIONS
See the Timing Diagrams Overview section, the Power-Up and Apply the Digital Inputs section, the Initialization SPI Instructions section,
the Chip Enable and Operation section, the Chip Disable and Reset section, and the Chip Disable and Power-Down section for additional
information.
Table 8. Timing Specifications
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
t1
1
100
ms
Power supplies 10% to 90% rise time.
t2
10
ns
Power supplies 90% level to valid digital input time (tDIGITAL). Do not set any logic input levels high prior
to tDIGITAL. The RST and CS can go high together after t2 has transpired. If CHIP_ADD0 and CHIP_ADD1
are to be set externally, then set them to the desired logic levels after t2 and prior to any SPI instructions.
t3
10
ns
RST rising edge to CS falling edge (first SPI instruction after reset). Waiting t3 ensures that the digital logic
has reset to the default values.
t4
5
ns
CS falling edge to SCLK rising edge setup time.
t5
10
ns
SCLK cycle time (write).
t5
20
ns
SCLK cycle time (read).
t6
2.5
ns
SCLK high time.
t7
2.5
ns
SCLK low time.
t8
3
ns
SDI data setup time.
t9
2
ns
SDI data hold time.
t10
5
ns
SCLK rising edge to CS hold time.
t11
5
ns
Minimum CS high time for latching in data (for multiple SPI transactions).
t12
5
ns
CS rising edge to next SCLK rising edge ignore.
t13
4
ns
SCLK falling edge to SDO valid (load capacitance (CL) = 10pF).
t14
5
ns
SDO rise and fall time (CL = 10pF).
t15
4
ns
CS rising edge to SDO tristate (CL = 10pF).
t16
10
ns
Time from final initialization SPI instruction to entering the operational time (tOPERATIONAL). Set CEN to
logic high at this time.
t17
5
ns
CS rising edge to LOAD pin first rising edge time for loading filter contents.
t18
10
ns
LOAD pin high time for loading the filter and DSA contents.
t19
10
ns
LOAD pin low time for preparing to load the DSA offsets.
t20
10
ns
LOAD pin high time for loading the DSA offsets.
t21
0
ns
CS falling edge to LOAD pin falling edge time. Both can be set low at the same time after a load operation
has been completed (after t18 or t20) and another SPI instruction is desired.
t22
10
ns
Time from the last SPI instruction when the chip is operational (tCONTINUE)) to the disable time (tDISABLE).
After t22 has transpired, set CEN to logic low to disable the chip.
t23
3
μs
CEN falling edge to RST falling edge. Waiting t23 ensures that the RF portions of the chip have been
allowed to power down prior to chip reset.
t24
10
ns
RST low time to perform reset.
t25
3
μs
CEN falling edge to the power-down time (tPOWER-DOWN). Waiting t25 ensures that the RF portions of the
chip have been allowed to power down prior to shutting down the chip power.
t26
10
μs
Logic inputs fall time. The logic inputs and power supplies can be turned off at the same time.
t27
1
100
ms
Power supplies 90% to 10% fall time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com